Electronic Components Datasheet Search
  English  ▼

X  

LCX019AM Datasheet(PDF) 16 Page - Sony Corporation

Part # LCX019AM
Description  3.4cm (1.32-inch) LCD Panel (with microlens)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX019AM Datasheet(HTML) 16 Page - Sony Corporation

Back Button LCX019AM Datasheet HTML 12Page - Sony Corporation LCX019AM Datasheet HTML 13Page - Sony Corporation LCX019AM Datasheet HTML 14Page - Sony Corporation LCX019AM Datasheet HTML 15Page - Sony Corporation LCX019AM Datasheet HTML 16Page - Sony Corporation LCX019AM Datasheet HTML 17Page - Sony Corporation LCX019AM Datasheet HTML 18Page - Sony Corporation LCX019AM Datasheet HTML 19Page - Sony Corporation LCX019AM Datasheet HTML 20Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
– 16 –
LCX019AM
2. LCD panel operations
[Description of basic operations]
The basic operations of the LCD panel are shown below based on the wide-display mode.
• A vertical driver, which consists of vertical shift registers, enable-gates and buffers, applies a selected pulse
to every 480 gate lines sequentially in every horizontal scanning period.
• A horizontal driver, which consists of horizontal shift registers, gates and CMOS sample-and-hold circuits,
applies selected pulses to every 1199.5 signal electrodes sequentially in a single horizontal scanning period.
• Vertical and horizontal shift registers address one pixel, and then turn on Thin Film Transistors (TFTs; two
TFTs) to apply a video signal to the dot. The same procedures lead to the entire 480
× 1199.5 dots to display
a picture in a single vertical scanning period.
• The LCD pixel dots are arranged in a delta pattern, where the dots connected to the identical signal line is
positioned with 1.5-dot offset against an adjacent horizontal line. Horizontal Start Pulse (HST) is generated
with 1.5-bit offset between the horizontal lines to regulate the above offset. HCK and sample-and-hold (S/H)
pulses follow the same 1.5-bit offset scheme.
• The video signal shall be input with polarity-inverted system in every horizontal cycle.
• Timing diagrams of the vertical and the horizontal display cycle are shown below:
Vertical display cycle 480H
1
2
480
(1) Vertical display cycle
VST
VCK
(2) Horizontal display cycle
Horizontal display cycle
1
2
3
4
5
6
200
201
HST
HCK1
HCK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com