Electronic Components Datasheet Search
  English  ▼

X  

LCX033 Datasheet(PDF) 12 Page - Sony Corporation

Part # LCX033
Description  1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX033 Datasheet(HTML) 12 Page - Sony Corporation

Back Button LCX033 Datasheet HTML 8Page - Sony Corporation LCX033 Datasheet HTML 9Page - Sony Corporation LCX033 Datasheet HTML 10Page - Sony Corporation LCX033 Datasheet HTML 11Page - Sony Corporation LCX033 Datasheet HTML 12Page - Sony Corporation LCX033 Datasheet HTML 13Page - Sony Corporation LCX033 Datasheet HTML 14Page - Sony Corporation LCX033 Datasheet HTML 15Page - Sony Corporation LCX033 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
– 12 –
LCX033AK
<Electro-optical Characteristics Measurement>
Basic measurement conditions
(1) Driving voltage
VDD = 12.0V
VVC = 6.0V, VCOM = 5.70V
(2) Measurement temperature
25°C unless otherwise specified.
(3) Measurement point
One point in the center of screen unless otherwise specified.
(4) Measurement systems
Two types of measurement system are used as shown below.
(5) RGB input signal voltage (Vsig)
Vsig = 6.0 ± VAC [V] (VAC: signal amplitude)
∗ Measurement system I
LCD panel
Luminance
Meter
Measurement
Equipment
Back light: color temperature 8500K, +0.004uV (25°C)
∗
Back light spectrum (reference) is listed on another page.
Optical fiber
LCD panel
Light receptor lens
Drive Circuit
Light Source
3.5mm
∗ Measurement system II
Measurement
Equipment
Light Detector
1. Contrast Ratio
Contrast Ratio (CR4.0) is given by the following formula (1).
CR4.0 =
...(1)
L4.0 (White): Surface luminance of the TFT-LCD panel at VDD = 12.0V, VVC = 6.0V, VCOM = 5.7V and the
RGB signal amplitude VAC = 0.5V.
L4.0 (Black): Surface luminance of the panel at VAC = 4.0V.
L4.0 (White)
L4.0 (Black)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com