Electronic Components Datasheet Search
  English  ▼

X  

LCX033 Datasheet(PDF) 17 Page - Sony Corporation

Part # LCX033
Description  1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX033 Datasheet(HTML) 17 Page - Sony Corporation

Back Button LCX033 Datasheet HTML 13Page - Sony Corporation LCX033 Datasheet HTML 14Page - Sony Corporation LCX033 Datasheet HTML 15Page - Sony Corporation LCX033 Datasheet HTML 16Page - Sony Corporation LCX033 Datasheet HTML 17Page - Sony Corporation LCX033 Datasheet HTML 18Page - Sony Corporation LCX033 Datasheet HTML 19Page - Sony Corporation LCX033 Datasheet HTML 20Page - Sony Corporation LCX033 Datasheet HTML 21Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
– 17 –
LCX033AK
2. LCD Panel Operations
• A vertical driver, which consists of vertical shift registers, enable-gates and buffers, applies a selected pulse
to every 225 gate lines sequentially in every horizontal scanning period. A vertical shift register scans the
gate lines from the top to bottom of the panel at DWN = High level.
• The selected pulse is delivered when the enable pin turns to High level. PAL mode images are displayed by
controlling the enable and VCK pin. The enable pin should be High when not in use.
• A horizontal driver, which consists of horizontal shift registers, gates and CMOS sample-and-hold circuits
applies selected pulses to every 800 signal electrodes sequentially in a single horizontal scanning period.
• Through current of the level shifter during power supply cutoff can be reduced by STB pin. (power save
mode)
Power save mode is set at STB = Low level.
• Vertical and horizontal drivers address one pixel and then turn on Thin Film Transistors (TFTs; two TFTs) to
apply a video signal to the dot. The same procedures lead to the entire 225
× 800 dots to display a picture in
a single vertical scanning period.
• Pixel dots are arranged in a delta pattern, where sets of RGB pixels are positioned with 1.5-dot shifted
against adjacent horizontal line. 1.5-dot shift of a horizontal driver output pulse against horizontal
synchronized signal is required to apply a video signal to each dot properly. 1H reversed displaying mode is
required to apply video signal to the panel.
• The video signal shall be input with polarity-inverted system in every horizontal cycle.
• The relationship between the vertical shift register start pulse VST and the vertical display period, and the
horizontal shift register start pulse HST during right scan (RGT = High level) and the horizontal display period
are shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com