Electronic Components Datasheet Search
  English  ▼

X  

LCX033 Datasheet(PDF) 15 Page - Sony Corporation

Part # LCX033
Description  1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX033 Datasheet(HTML) 15 Page - Sony Corporation

Back Button LCX033 Datasheet HTML 11Page - Sony Corporation LCX033 Datasheet HTML 12Page - Sony Corporation LCX033 Datasheet HTML 13Page - Sony Corporation LCX033 Datasheet HTML 14Page - Sony Corporation LCX033 Datasheet HTML 15Page - Sony Corporation LCX033 Datasheet HTML 16Page - Sony Corporation LCX033 Datasheet HTML 17Page - Sony Corporation LCX033 Datasheet HTML 18Page - Sony Corporation LCX033 Datasheet HTML 19Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
– 15 –
LCX033AK
0.6
0.4
0.2
0
380
480
580
680
780
Wave length 380 – 780 [nm]
9. Method of Measuring the Optimum Vcom
There are two methods of measuring the optimum Vcom using the photoelectric element.
9-1. Method of Measuring Flicker
In the field invert drive mode, adjust the flicker level of the half tone (Vsig = 1.5 to 2.5V) using the
photoelectric element and oscilloscope so that its 30Hz component becomes minimum. The Vcom value
at this time is taken to be the optimum Vcom.
9-2. Method of Measuring Contrast
In the normal 1H invert drive mode, adjust the optical output voltage of the half tone (Vsig = 1.5 to 2.5V)
so that it becomes minimum. The Vcom value at this time is taken to be the optimum Vcom.
Example of Back Light Spectrum (Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com