Electronic Components Datasheet Search
  English  ▼

X  

SLD105VL Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD105VL
Description  GaAlAs Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD105VL Datasheet(HTML) 2 Page - Sony Corporation

  SLD105VL Datasheet HTML 1Page - Sony Corporation SLD105VL Datasheet HTML 2Page - Sony Corporation SLD105VL Datasheet HTML 3Page - Sony Corporation SLD105VL Datasheet HTML 4Page - Sony Corporation SLD105VL Datasheet HTML 5Page - Sony Corporation SLD105VL Datasheet HTML 6Page - Sony Corporation SLD105VL Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
—2—
SLD105VL
∗∆ SR
Power
–7°
0° 7°
SL
SR
θ ||
∆ SR =
SL + SR
| SL – SR |
Optical and Electrical Characteristics
(TC=25 °C)
TC : Case temperature
Item
Threshold current
Operating current
Operating voltage
Oscillation wavelength
Monitor current
Radiation
Perpendicular
angle
Parallel
Symmetry of
θ //
Positional
Position
accuracy
Angle
Differential efficiency
Astigmatism
S/N ratio
PD dark current
PD capacitance between pins
Symbol
Ith
Iop
Vop
λp
Im
θ ⊥
θ //
∆SR∗
∆X, ∆Y, ∆Z
∆ ⊥
ηD
AS
S/N
ID
CT
Conditions
PO=2.5 mW
PO=2.5 mW
PO=2.5 mW
PO=2.5 mW
VR=0 V
PO=2.5 mW
PO=2.5 mW
PO=2.5 mW
Z //–Z
⊥
fc=720 kHz
∆f=30 kHz
PO=2.5 mW
VR=5 V
VR=5 V, f=1 kHz
Min.
1.7
760
0.08
20
8
0.2
–30
Typ.
30
35
1.9
790
0.15
39
12
0.6
–25
85
Max.
41
44
2.5
810
0.4
45
21
30
±150
±3
0.7
–20
150
30
Unit
mA
mA
V
nm
mA
degree
degree
%
µm
degree
mW/mA
µm
nA
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com