Electronic Components Datasheet Search
  English  ▼

X  

SLD105VL Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD105VL
Description  GaAlAs Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD105VL Datasheet(HTML) 3 Page - Sony Corporation

  SLD105VL Datasheet HTML 1Page - Sony Corporation SLD105VL Datasheet HTML 2Page - Sony Corporation SLD105VL Datasheet HTML 3Page - Sony Corporation SLD105VL Datasheet HTML 4Page - Sony Corporation SLD105VL Datasheet HTML 5Page - Sony Corporation SLD105VL Datasheet HTML 6Page - Sony Corporation SLD105VL Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
—3—
SLD105VL
Example of Representative Characteristics
Far field pattern (FFP)
–30
0
30
Angle (degree)
Differential efficiency vs. Temperature characteristics
1.0
0
Tc-Case temperature (°C)
Optical power output vs. Forward current characteristics
010
20
30
40
6
0
IF-Forward current (mA)
5
4
3
2
1
7
50
0
0.1
0.2
0.3
0.4
0.5
Tc=10°C 60°C
Tc=10°C 20°C 30°C 40°C 50°C 60°C
PO=3mW, Tc=25°C
Threshold current vs. Temperature characteristics
20
40
60
80
100
Tc-Case temperature (°C)
90
–20
0
80
70
60
50
40
30
20
10
0.8
0.6
0.4
0.2
20
40
60
80
–20
0
PO=3mW
PIN diode voltage current characteristics
0.25
–0.25
Voltage (V)
0
1.0
–1.0
0
PO=3mW, Tc=25°C
Monitor current vs. Temperature characteristics
20
40
60
80
1.000
Tc-Case temperature (°C)
0.800
–20
0
0.600
0.500
0.400
0.300
0.200
0.100
PO=3mW
IF (mA)
Imon (mA)
θ //
θ⊥



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com