Electronic Components Datasheet Search
  English  ▼

X  

SLD105VL Datasheet(PDF) 7 Page - Sony Corporation

Part # SLD105VL
Description  GaAlAs Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD105VL Datasheet(HTML) 7 Page - Sony Corporation

  SLD105VL Datasheet HTML 1Page - Sony Corporation SLD105VL Datasheet HTML 2Page - Sony Corporation SLD105VL Datasheet HTML 3Page - Sony Corporation SLD105VL Datasheet HTML 4Page - Sony Corporation SLD105VL Datasheet HTML 5Page - Sony Corporation SLD105VL Datasheet HTML 6Page - Sony Corporation SLD105VL Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SONY CODE
EIAJ CODE
JEDEC CODE
Reference Slot
1.0
0.5
Reference Plane
1
2
φ5.6 – 0.05
φ4.4 MAX
φ3.7 MAX
0.5 MIN
3 –
φ0.45
PCD
φ2.0
LD Chip & Photo Diode
∗Optical
Distance = 1.35 ± 0.15
M-260
1
23
M-260
PACKAGE WEIGHT
0.3g
0
3
Package Outline
Unit : mm
SLD105VL
—7—



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com