Electronic Components Datasheet Search
  English  ▼

X  

SLD1133VL Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD1133VL
Description  650nm Index-Guided Red Laser Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1133VL Datasheet(HTML) 3 Page - Sony Corporation

  SLD1133VL Datasheet HTML 1Page - Sony Corporation SLD1133VL Datasheet HTML 2Page - Sony Corporation SLD1133VL Datasheet HTML 3Page - Sony Corporation SLD1133VL Datasheet HTML 4Page - Sony Corporation SLD1133VL Datasheet HTML 5Page - Sony Corporation SLD1133VL Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
– 3 –
SLD1133VL
Example of Representative Characteristics
100
60
0
IF – Forward current [mA]
0
0.2
Imon – Monitor current [mA]
Optical power output vs. Forward current characteristics
Optical power output vs. Monitor current characteristics
Angle [degree]
Far field pattern (FFP)
40
20
–20
0
60
0.2
Tc – Case temperature [°C]
Monitor current vs. Temperature characteristics
0
25°C
20
40
80
TC = 0°C
40°C
Imon
30
–10
10
50
PO = 5mW
70
0.1
0
40
20
–20
0
60
200
Tc – Case temperature [°C]
Threshold current vs. Temperature characteristics
30
–10
10
50
70
100
10
1
2
3
4
5
6
7
60°C
25°C
TC = 0°C
40°C 60°C
20
0
–60
–40
–20
40
60
θ⊥
Po = 5mW, Tc = 25°C
θ//



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com