Electronic Components Datasheet Search
  English  ▼

X  

SLD1133VL Datasheet(PDF) 4 Page - Sony Corporation

Part # SLD1133VL
Description  650nm Index-Guided Red Laser Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1133VL Datasheet(HTML) 4 Page - Sony Corporation

  SLD1133VL Datasheet HTML 1Page - Sony Corporation SLD1133VL Datasheet HTML 2Page - Sony Corporation SLD1133VL Datasheet HTML 3Page - Sony Corporation SLD1133VL Datasheet HTML 4Page - Sony Corporation SLD1133VL Datasheet HTML 5Page - Sony Corporation SLD1133VL Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
– 4 –
SLD1133VL
Po = 5mW
Tc = 60°C
645
650
655
660
665
λ – Wavelength [nm]
Temperature dependence of spectrum
Tc = 40°C
Tc = 25°C
Tc = 0°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com