Electronic Components Datasheet Search
  English  ▼

X  

SLD1133VL Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD1133VL
Description  650nm Index-Guided Red Laser Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1133VL Datasheet(HTML) 1 Page - Sony Corporation

  SLD1133VL Datasheet HTML 1Page - Sony Corporation SLD1133VL Datasheet HTML 2Page - Sony Corporation SLD1133VL Datasheet HTML 3Page - Sony Corporation SLD1133VL Datasheet HTML 4Page - Sony Corporation SLD1133VL Datasheet HTML 5Page - Sony Corporation SLD1133VL Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
– 1 –
SLD1133VL
E96728A74-PS
650nm Index-Guided Red Laser Diode
Description
The SLD1133VL is an index-guided red laser diode
designed for DVD systems. For bar code scanners,
its wavelength (650nm Typ.) is 20nm shorter than
that of the current device.
Features
• Small astigmatism (7µm typ.)
• Low operating current (60mA typ.)
• Small package (
φ5.6mm)
• Single longitudinal mode
Applications
• DVD
• Bar code scanner
• Laser pointer
Structure
• AlGaInP quantum well structure laser diode
• PIN photo diode for optical power output monitor
Recommended Optical Power Output
5mW
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
Po
7
mW
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature
Topr
–10 to +60 °C
• Storage temperature
Tstg
–40 to +85 °C
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
M-274
Pin Configuration
3
LD
1
2
PD
Common
21
3
Bottom View
1. LD Anode
2. PD Anode
3. Common
Connection Diagram


Similar Part No. - SLD1133VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
More results

Similar Description - SLD1133VL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3147-161 SANYO-DL-3147-161 Datasheet
81Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3149-070 SANYO-DL-3149-070 Datasheet
76Kb / 3P
Index Guided AlGalnP Laser Diode?
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1135VS SONY-SLD1135VS Datasheet
60Kb / 3P
650nm Index-Guided Red Laser Diode
SLD1137VS SONY-SLD1137VS Datasheet
67Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com