Electronic Components Datasheet Search
  English  ▼

X  

RT8750 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8750
Description  42 CH Motor Driver for DSC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8750 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8750 Datasheet HTML 1Page - Richtek Technology Corporation RT8750 Datasheet HTML 2Page - Richtek Technology Corporation RT8750 Datasheet HTML 3Page - Richtek Technology Corporation RT8750 Datasheet HTML 4Page - Richtek Technology Corporation RT8750 Datasheet HTML 5Page - Richtek Technology Corporation RT8750 Datasheet HTML 6Page - Richtek Technology Corporation RT8750 Datasheet HTML 7Page - Richtek Technology Corporation RT8750 Datasheet HTML 8Page - Richtek Technology Corporation RT8750 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
RT8750
www.richtek.com
DS8750-01 April 2011
Electrical Characteristics
Recommended Operating Conditions
(Note 5)
Supply Input Voltage, VCC -------------------------------------------------------------------------------------------- 2.5V to 5.5V
Supply Input Voltage, VM ---------------------------------------------------------------------------------------------- 3V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings (Note 1)
Supply Input Voltage, VCC, VM (Note 2) -------------------------------------------------------------------------
−0.3V to 6V
Control Input Voltage (Note 2) ---------------------------------------------------------------------------------------
−0.3V to VCC
Direct Current, IOD ------------------------------------------------------------------------------------------------------- 600mA/CH
Instantaneous Output Current, IOP ------------------------------------------------------------------------------------ 800mA/CH
Power Dissipation, PD @ TA = 25
°C
WQFN-20L 3x3 ----------------------------------------------------------------------------------------------------------- 1.471W
Package Thermal Resistance (Note 3)
WQFN-20L 3x3,
θJA ----------------------------------------------------------------------------------------------------- 68°C/W
WQFN-20L 3x3,
θJC----------------------------------------------------------------------------------------------------- 7.5°C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
°C
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 4)
HBM ------------------------------------------------------------------------------------------------------------------------ 2kV
MM -------------------------------------------------------------------------------------------------------------------------- 200V
(VCC = 3.3V, VM = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Current
VCC Standby Current
ICC0
PS1 = Low, all input pin open
--
3
10
μA
VM Standby Current
IM01
PS1 = Low
--
0.1
5
μA
ICC1
--
0.6
2
Consuming Current
when Driver Operation
IM1
PS1 = High, All CH drivers in
operation PI1 to PI2 ON, no load
--
0.6
2
mA
Logic-High VIH
2
--
--
IN1 to IN3 Input
Threshold Voltage
Logic-Low
VIL
VCC = 2.7 to 3.6V
--
--
0.8
V
Logic-High VIH
VCC
x 0.6
--
--
CS, SDAT, SCLK
Input Threshold
Voltage
Logic-Low
VIL
--
--
VCC
x 0.5
V
SDAT, SCLK, IN1 to 3 Sink
Current
--
2
6
μA
CS Sink Current
VCC > 2V
--
6
20
μA
VCC, UVLO Threshold
VUVLO
VM = 5V
1.55
1.65
1.8
V
VCC, POR Threshold
VPOR
VM = 5V
1.8
2
2.2
V
CH1, CH2, CH3, CH5
On-Resistance 1
RON1
VM = 5V, IOUT = 100mA
sum of on-resistance
--
1.2
1.6
Ω
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com