Electronic Components Datasheet Search
  English  ▼

X  

RT8750 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8750
Description  42 CH Motor Driver for DSC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8750 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8750 Datasheet HTML 1Page - Richtek Technology Corporation RT8750 Datasheet HTML 2Page - Richtek Technology Corporation RT8750 Datasheet HTML 3Page - Richtek Technology Corporation RT8750 Datasheet HTML 4Page - Richtek Technology Corporation RT8750 Datasheet HTML 5Page - Richtek Technology Corporation RT8750 Datasheet HTML 6Page - Richtek Technology Corporation RT8750 Datasheet HTML 7Page - Richtek Technology Corporation RT8750 Datasheet HTML 8Page - Richtek Technology Corporation RT8750 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
RT8750
DS8750-01 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
4+2 CH Motor Driver for DSC
General Description
The RT8750 is a 4+2 (two exclusive control modes)
channel motor driver for DSC application. In total, it provides
4+1 full swing channels, 3+1 constant voltage channels,
and 1 constant current channel. It includes dedicated
control mode for stepping motors in 1-2 phase or 2-2 phase
operation. The RT8750 also provides two photo-interrupters
for motor position detection.
The RT8750 can be controlled via 3 parallel input ports
and a serial input interface. The voltage setting of the
constant voltage drivers and the current setting of the
constant current driver can be configured by 4-bit DACs
via serial input interface. Other features include UVLO,
thermal shutdown, power save mode, and software reset.
Hence, the RT8750 can cover most of the motor
applications in a DSC system.
The RT8750 comes in a small WQFN-20L 3x3 package
to save board space.
Applications
DSC
Pin Configurations
WQFN-20L 3x3
(TOP VIEW)
Features
Built-in 4+1 Full-Swing Drivers Controlled by Serial
or Parallel Input Data with Brake Function
Built-in 3+1 Constant Voltage Drivers Controlled by
Serial or Parallel Input Data with Brake Function
Built-in 1 Constant Current Driver for Shutter or IRIS
Application
Low On-Resistance (1.2
Ω
Ω
Ω
Ω
Ω, Sum of Upper and Bottom
Side Drivers)
Output Current : IOUT
≤≤≤≤≤ 800mA per Channel
CH1/2 STM Control Mode Operable in 2-2 Phase or
1-2 Phase
CH13/23 Exclusive Control Mode (STM-2, CH5)
CH35 Exclusive Control Mode (DCM, CH6)
Built-in 2 PI Channels (for Photo Interrupter Driver)
Built-in 4-Bit DAC Circuits
Built-in Thermal Shutdown Protection
Under Voltage Lockout Protection
Power Save Mode Setup by Serial Input Data
Constant Current Value Set by Serial Input Data
20-Lead WQFN Package
RoHS Compliant and Halogen Free
OUT1B
OUT2A
OUT3B
OUT2B
IN2
IN3
PI1
VM
15
14
13
12
17
18
19
20
1
2
3
4
9
8
7
6
GND
21
11
5
16
OUT1A
SDAT
10
K1=YM
DNN
Marking Information
K1= : Product Code
YMDNN : Date Code
RT8750
Package Type
QW : WQFN-20L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8750

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
More results

Similar Description - RT8750

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
4-CH Motor Driver
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
2-Channel Motor Driver for DSC
logo
Sanyo Semicon Device
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
DSC Motor Driver
LB8659PL SANYO-LB8659PL Datasheet
267Kb / 16P
DSC Motor Driver
logo
Silicon Touch Technolog...
11-MD142 SITI-11-MD142 Datasheet
190Kb / 11P
Multi-Channels Motor Driver For DSC
11-MD152 SITI-11-MD152 Datasheet
223Kb / 15P
Multi-Channels Motor Driver For DSC
logo
Global Mixed-mode Techn...
G2009 GMT-G2009 Datasheet
91Kb / 1P
42CH serial input motor driver IC for DSC
G2008 GMT-G2008 Datasheet
51Kb / 1P
42 CH serial input motor driver IC for DSC
G2012 GMT-G2012 Datasheet
68Kb / 1P
42CH serial input motor driver IC for DSC
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
4CH DSC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com