Electronic Components Datasheet Search
  English  ▼

X  

RT8750 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8750
Description  42 CH Motor Driver for DSC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8750 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8750 Datasheet HTML 1Page - Richtek Technology Corporation RT8750 Datasheet HTML 2Page - Richtek Technology Corporation RT8750 Datasheet HTML 3Page - Richtek Technology Corporation RT8750 Datasheet HTML 4Page - Richtek Technology Corporation RT8750 Datasheet HTML 5Page - Richtek Technology Corporation RT8750 Datasheet HTML 6Page - Richtek Technology Corporation RT8750 Datasheet HTML 7Page - Richtek Technology Corporation RT8750 Datasheet HTML 8Page - Richtek Technology Corporation RT8750 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
RT8750
DS8750-01 April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
OUT3B
CH3 H-Bridge Output B Terminal.
2
OUT2B
CH2 H-Bridge Output B Terminal.
3
OUT2A
CH2 H-Bridge Output A Terminal.
4
OUT1B
CH1 H-Bridge Output B Terminal.
5
OUT1A
CH1 H-Bridge Output A Terminal.
6
RNF4
CH4 Current Detect Terminal for CC or FS Ground.
7
OUT4B
CH4 H-Bridge Output B Terminal.
8
OUT4A
CH4 H-Bridge Output A Terminal.
9
CS
Serial Data Latch Control.
10
SCLK
Serial Clock Input.
11
SDAT
Serial Data Input.
12
PI1
PI1 Driver Output.
13
VM
Power Supply for Motor Blocks.
14
IN3
Parallel Input Control.
15
IN2
Parallel Input Control.
16
IN1
Parallel Input Control.
17
VCC
IC Analog Input Power Pin.
18
PI2
PI2 Driver Output.
19
OUT5A
CH5 Push-pull Output A Terminal.
20
OUT3A
CH3 H-Bridge Output A Terminal.
21 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum thermal dissipation.
Function Block Diagram
1CH
FS/CV
2CH
FS/CV
3CH
FS/CV
5CH
FS/CV
Exclusive 1
4CH
FS/CC
Control Logic
4-bit DAC
VC12
VC3
VC4
Bias Low Voltage Detection
TSD VREF
PI1
PI2
GND
Exclusive 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com