Electronic Components Datasheet Search
  English  ▼

X  

RT9002C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9002C
Description  Dual Low Dropout Regulator with Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9002C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9002C Datasheet HTML 1Page - Richtek Technology Corporation RT9002C Datasheet HTML 2Page - Richtek Technology Corporation RT9002C Datasheet HTML 3Page - Richtek Technology Corporation RT9002C Datasheet HTML 4Page - Richtek Technology Corporation RT9002C Datasheet HTML 5Page - Richtek Technology Corporation RT9002C Datasheet HTML 6Page - Richtek Technology Corporation RT9002C Datasheet HTML 7Page - Richtek Technology Corporation RT9002C Datasheet HTML 8Page - Richtek Technology Corporation RT9002C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9002A/B/C
4
DS9002ABC-04 April 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Thermal Shutdown Hysteresis
ΔTSD1
--
40
--
°C
Enable Pin Current
IEN
VIN = 3.5V, Enable
--
0.1
1
μA
Regulator 2
RT9002A
3.234
3.3
3.366
RT9002B
2.744
2.8
2.856
Output Voltage
Accuracy
RT9002C
ΔVOUT2
IOUT2 = 30mA
3.234
3.3
3.366
V
Maximum Output Current
IOUT2_MAX
500
--
--
mA
Load Regulation
(Note 5)
ΔVLOAD2
1mA
< IOUT2 < 100mA
--
15
50
mV
VDROP2_1 IOUT2 = 30mA
--
50
90
Dropout Voltage
(Note 6)
VDROP2_2 IOUT2 = 100mA
--
150
200
mV
Quiescent Current
(Note 7)
IQ2
VIN2 = 4.3V, IOUT2 = 0mA
--
40
--
μA
Line Regulation
ΔVLINE2
VIN2 = 4.3V to 5.5V,
IOUT2 = 30mA
--
0.01
0.2
%/V
Power Supply Rejection Rate
PSRR2
f = 100Hz, IOUT2 = 100mA
--
−60
--
dB
Current Limit
ILIM2
VIN2 = 5V
--
800
--
mA
Thermal Shutdown Protection
TSD2
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD2
--
40
--
°C
Detector
RT9002A
3.528
3.6
3.672
RT9002B
3.822
3.9
3.978
Detect Fall Voltage
RT9002C
VDF
3.528
3.6
3.672
V
Hysteresis
ΔVHYS
VDF
x0.02
VDF
x0.05
VDF
x0.08
V
RT9002A
VDOUT = 0.5V, VIN2 = 5.0V
7
12
--
RT9002B
4
8
--
Sink Current
RT9002C
IDOUT
VDOUT = 0.5V, VIN2 = 2.0V
4
8
--
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com