Electronic Components Datasheet Search
  English  ▼

X  

RT9002C Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9002C
Description  Dual Low Dropout Regulator with Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9002C Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9002C Datasheet HTML 3Page - Richtek Technology Corporation RT9002C Datasheet HTML 4Page - Richtek Technology Corporation RT9002C Datasheet HTML 5Page - Richtek Technology Corporation RT9002C Datasheet HTML 6Page - Richtek Technology Corporation RT9002C Datasheet HTML 7Page - Richtek Technology Corporation RT9002C Datasheet HTML 8Page - Richtek Technology Corporation RT9002C Datasheet HTML 9Page - Richtek Technology Corporation RT9002C Datasheet HTML 10Page - Richtek Technology Corporation RT9002C Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT9002A/B/C
7
DS9002ABC-04 April 2011
www.richtek.com
Nch Driver Sink Current vs. Input Voltage
0
10
20
30
40
50
60
01
2
3
4
5
6
Input Voltage (V)
-40
°C
RT9002A
25
°C
125
°C
Nch Driver Sink Current vs. Input Voltage
0
10
20
30
40
50
60
0
123456
Input Voltage (V)
RT9002B
-40
°C
25
°C
125
°C
Nch Driver Sink Current vs. VDS
0
25
50
75
100
125
150
175
200
0123
456
VDS (V)
VDD = 5.5V
RT9002A
VDD = 5V
VDD = 4.5V
Output Delay Time vs. Load Capacitance
0.01
0.1
1
10
100
1000
0.0000
0.0001
0.0010
0.0100
0.1000
Load Capacitance (uF)
RT9002A
Output Delay Time vs. Load Capacitance
0.01
0.1
1
10
100
1000
0.0000
0.0001
0.0010
0.0100
0.1000
Load Capacitance (uF)
RT9002B
Nch Driver Sink Current vs. VDS
0
10
20
30
40
50
60
70
80
90
100
110
01
234
56
VDS (V)
VDD = 3.5V
VDD = 3V
VDD = 2.5V
RT9002B
VDD = 2V
VDD = 1.5V
VDD = 1V
VDD = 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com