Electronic Components Datasheet Search
  English  ▼

X  

RT9002C Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9002C
Description  Dual Low Dropout Regulator with Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9002C Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9002C Datasheet HTML 3Page - Richtek Technology Corporation RT9002C Datasheet HTML 4Page - Richtek Technology Corporation RT9002C Datasheet HTML 5Page - Richtek Technology Corporation RT9002C Datasheet HTML 6Page - Richtek Technology Corporation RT9002C Datasheet HTML 7Page - Richtek Technology Corporation RT9002C Datasheet HTML 8Page - Richtek Technology Corporation RT9002C Datasheet HTML 9Page - Richtek Technology Corporation RT9002C Datasheet HTML 10Page - Richtek Technology Corporation RT9002C Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9002A/B/C
8
DS9002ABC-04 April 2011
www.richtek.com
Load Transient Response
Time (500
μs/Div)
IOUT1
(100mA/Div)
VOUT1
(5mV/Div)
VOUT2
(50mV/Div)
RT9002A
ILOAD = 10mA to 100mA
Line Transient Response
Time (250
μs/Div)
VOUT
(1V/Div)
5
4
VOUT1
(20mV/Div)
VOUT2
(20mV/Div)
RT9002A
Boost ILOAD = 50mA
RT9002A, VOUT1
ILOAD = 75mA
EN Pin Shutdown Response
Time (100
μs/Div)
Start Up
Time (10
μs/Div)
RT9002A, VOUT1
ILOAD = 75mA
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
0
0.1
0.2
0.3
0.4
0.5
Load Current (A)
RT9002C, VOUT2 = 3.3V
-40
°C
25
°C
125
°C
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
Load Current (mA)
RT9002A, VOUT1 = 2.5V
-40
°C
25
°C
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com