Electronic Components Datasheet Search
  English  ▼

X  

RT9718 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9718
Description  Over Voltage Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9718 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9718 Datasheet HTML 1Page - Richtek Technology Corporation RT9718 Datasheet HTML 2Page - Richtek Technology Corporation RT9718 Datasheet HTML 3Page - Richtek Technology Corporation RT9718 Datasheet HTML 4Page - Richtek Technology Corporation RT9718 Datasheet HTML 5Page - Richtek Technology Corporation RT9718 Datasheet HTML 6Page - Richtek Technology Corporation RT9718 Datasheet HTML 7Page - Richtek Technology Corporation RT9718 Datasheet HTML 8Page - Richtek Technology Corporation RT9718 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9718
1
DS9718-02 May 2011
www.richtek.com
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Portable Instruments
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
General Description
The RT9718 is an integrated circuit optimized to protect
low voltage system from abnormal high input voltage (up
to 28V). The IC monitors the input voltage, battery voltage
and the charging current to make sure all three parameters
are operated in normal range. When the input voltage
exceeds a certain OVP threshold voltage level, the IC will
turn off the power MOSFET within 1
μs to remove the power
before any damage occurs. The RT9718 also can provide
a voltage output without the existence of battery.
The current in the power MOSFET is also limited to prevent
charging the battery with an excessive current. The current
limit can be programmed by an external resistor between
ILIM and GND. The OCP function also has a 4-bit binary
counter that accumulates during an OCP event. When the
total count reaches consecutive 16 times, the power
MOSFET is turned off permanently unless the input power
is recycled.
The IC also monitors the battery voltage, Once the battery
voltage exceeds 4.35V and last for more then 180us
blinking time, the RT9718 will turn off the MOSFET. The
internal logic control will turn off the power MOSFET
permanently when the battery over-voltage event occurs
for consecutive 16 times.
Features
Fully Integrated Protection Function
Programmable OCP
Input OVP
Battery OVP
Withstand High Input Voltage Up to 28V
Over Voltage Turn Off Time Less Than 1us
High Accuracy Protection Thresholds
Over Temperature Protection
High Immunity of False Triggering Under Transients
Warning Indication Output
Enable Input
Thermal Enhanced WDFN Package
RoHS Compliant and Halogen Free
VIN
GND
VOUT
ILIM
VB
NC
WRN
7
6
5
1
2
3
4
8
9
EN
Over Voltage Protection IC
RT9718
Package Type
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
OVP
A : 6.80V
B : 5.85V
C : 6.25V
D : 7.20V
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.


Similar Part No. - RT9718

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGB RICHTEK-RT9711AGB Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGBG RICHTEK-RT9711AGBG Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGF RICHTEK-RT9711AGF Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results

Similar Description - RT9718

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
Over Voltage and Over Current Protection IC
LP5304 POWER-LP5304 Datasheet
511Kb / 6P
36V/5A Over Voltage Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com