Electronic Components Datasheet Search
  English  ▼

X  

RT9718 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9718
Description  Over Voltage Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9718 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9718 Datasheet HTML 1Page - Richtek Technology Corporation RT9718 Datasheet HTML 2Page - Richtek Technology Corporation RT9718 Datasheet HTML 3Page - Richtek Technology Corporation RT9718 Datasheet HTML 4Page - Richtek Technology Corporation RT9718 Datasheet HTML 5Page - Richtek Technology Corporation RT9718 Datasheet HTML 6Page - Richtek Technology Corporation RT9718 Datasheet HTML 7Page - Richtek Technology Corporation RT9718 Datasheet HTML 8Page - Richtek Technology Corporation RT9718 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9718
3
DS9718-02 May 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power On Reset
RT9718A
4
--
6.5
RT9718B
4
--
5.5
RT9718C
4
--
5.9
Operation Voltage
RT9718D
VIN
4
--
6.9
V
Supply Voltage POR
Threshold
V
POR
VPOR Rising
2.5
2.7
2.9
V
Deglitch Time of POR
--
8
--
ms
Under Voltage Lockout Threshold VUVLO
VUVLO Falling
2.45
--
2.75
V
Input Quiescent Current
IQ
EN = 0V
--
500
600
Input Shutdown Current
ISHDN
EN = 5V
--
65
95
μA
Protections
RT9718A
6.6
6.8
7
RT9718B
5.6
5.85
6
RT9718C
6.05
6.25
6.45
Input OVP
Threshold Voltage
RT9718D
VIN_OVP
7
7.2
7.4
V
Input OVP Hysteresis
--
60
100
mV
Input OVP Propagation Delay
V
OUT = VIN x 80%
--
--
1
μs
Input OVP Recovery Delay
--
8
--
ms
To be continued
Recommended Operating Conditions
(Note 4)
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN --------------------------------------------------------------------------------------------
−0.3V to 28V
VOUT, VB ---------------------------------------------------------------------------------------------------------------
−0.3V to 7V
Other Pins ---------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-8L 2x2 ---------------------------------------------------------------------------------------------------------- 0.606W
Package Thermal Resistance (Note 2)
WDFN-8L 2x2,
θJA ----------------------------------------------------------------------------------------------------- 165°C/W
WDFN-8L 2x2,
θJC ---------------------------------------------------------------------------------------------------- 20°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
(VIN = 5V, TA = 25
°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com