Electronic Components Datasheet Search
  English  ▼

X  

RT9730 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9730
Description  Charging System Safety Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9730 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9730 Datasheet HTML 1Page - Richtek Technology Corporation RT9730 Datasheet HTML 2Page - Richtek Technology Corporation RT9730 Datasheet HTML 3Page - Richtek Technology Corporation RT9730 Datasheet HTML 4Page - Richtek Technology Corporation RT9730 Datasheet HTML 5Page - Richtek Technology Corporation RT9730 Datasheet HTML 6Page - Richtek Technology Corporation RT9730 Datasheet HTML 7Page - Richtek Technology Corporation RT9730 Datasheet HTML 8Page - Richtek Technology Corporation RT9730 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9730
5
DS9730-01 April 2011
www.richtek.com
Typical Operating Characteristics
Supply Current vs. Temperature
0
20
40
60
80
100
120
-40 -25 -10
5
20
35 50
65
80
95 110 125
Temperature
ACIN = 5V, OUT = Open,
CHRIN = Open, GATDRV = 5V
(
°C)
RDS(ON) vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature
ACIN = 5V, OUT = 500mA,
CHRIN = Open, GATDRV = 0V
(
°C)
CHRIN RDS(ON) vs. Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature
ACIN = 5V, OUT = Open,
CHRIN = 50mA, GATDRV = 5V
(
°C)
OUT RDS(ON) vs. Input Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.7
3.1
3.5
3.9
4.3
4.7
Input Voltage (V)
ACIN = 5V, OUT = 500mA,
CHRIN = Open, GATDRV = 0V
OUT Current vs. GATDRV Voltage
0
50
100
150
200
250
300
350
400
450
500
2.5
2.7
2.9
3.1
3.3
3.5
3.7
GATDRV Voltage (V)
ACIN = 4.5V, RLOAD = 9.1
Ω
CHRIN RDS(ON) vs. Input Voltage
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
2.73.1
3.53.9
4.34.7
Input Voltage (V)
ACIN = 5V, OUT = Open,
CHRIN = 50mA, GATDRV = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com