Electronic Components Datasheet Search
  English  ▼

X  

RT9730 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9730
Description  Charging System Safety Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9730 Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT9730 Datasheet HTML 1Page - Richtek Technology Corporation RT9730 Datasheet HTML 2Page - Richtek Technology Corporation RT9730 Datasheet HTML 3Page - Richtek Technology Corporation RT9730 Datasheet HTML 4Page - Richtek Technology Corporation RT9730 Datasheet HTML 5Page - Richtek Technology Corporation RT9730 Datasheet HTML 6Page - Richtek Technology Corporation RT9730 Datasheet HTML 7Page - Richtek Technology Corporation RT9730 Datasheet HTML 8Page - Richtek Technology Corporation RT9730 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT9730
8
DS9730-01 April 2011
www.richtek.com
Figure 3. Derating Curves for RT9730 Packages
Layout Consideration
The RT9730 is a protection device. Careful PCB layout is
necessary. For best performance, place all peripheral
components as close to the IC as possible. A short
connection is highly recommended. The following
guidelines should be strictly followed when designing a
PCB layout for the RT9730.
The exposed pad, GND, must be soldered to a large
ground plane for heat sinking and noise prevention. The
through-hole vias located at the exposed pad is
connected to the ground plane of internal layer.
ACIN traces should be wide to minimize inductance and
handle the high currents. The trace running from input
to chip should be placed carefully and shielded strictly.
The capacitors must be placed close to the part. The
connection between pins and capacitor pads should be
copper traces without any through-hole via connection.
Figure 4. PCB Layout Guide
To Battery
To Baseband
Gate Controller
Input capacitor must be
placed between GND
and ACIN to reduce
noise.
The capacitor must be
placed between GND
and CHRIN to reduce
noise.
From Adapter
To Baseband
Charger Controller
CIN
GND
ACIN
ACIN
OUT
OUT
CHRIN
GND
NC
7
6
5
1
2
3
4
8
9
GATDRV
The exposed pad and
GND should be connected
to a strong ground plane
for heat sinking and noise
prevention.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT9730, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For WDFN-
8L 2x2 packages, the thermal resistance,
θJA, is
120
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA= 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (120°C/W) = 0.833W for
WDFN-8L 2x2 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For the RT9730 package, the derating
curve in Figure 3 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com