Electronic Components Datasheet Search
  English  ▼

X  

RT9730 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9730
Description  Charging System Safety Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9730 Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9730 Datasheet HTML 1Page - Richtek Technology Corporation RT9730 Datasheet HTML 2Page - Richtek Technology Corporation RT9730 Datasheet HTML 3Page - Richtek Technology Corporation RT9730 Datasheet HTML 4Page - Richtek Technology Corporation RT9730 Datasheet HTML 5Page - Richtek Technology Corporation RT9730 Datasheet HTML 6Page - Richtek Technology Corporation RT9730 Datasheet HTML 7Page - Richtek Technology Corporation RT9730 Datasheet HTML 8Page - Richtek Technology Corporation RT9730 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT9730
7
DS9730-01 April 2011
www.richtek.com
Application information
Operation State
The operation state is shown in the following Figure 1. At
power-off state, the RT9730 will check whether VIN is >
UVLO threshold. If VIN is higher than the UVLO threshold,
the RT9730 will check whether the junction temperature
is over the OTP threshold. If the junction temperature is
higher than the OTP threshold, the internal P-MOSFET
will be turned off. If the junction temperature is lower than
the OTP threshold, the RT9730 will check whether VIN is
higher than the OVP threshold or not, if VIN is higher than
the OVP threshold, the RT9730 will turn off the internal P-
MOSFET immediately within 1
μs.
If all of the checks including VIN > UVLO, TJ < OTP and
VIN < OVP are ok, the IC will operate normally.
Figure 1. Operation State Diagram for OVP Function
Input Over Voltage Protection (OVP)
The RT9730 monitors the input voltage to prevent
abnormally high input voltage from causing output system
failures. When the input voltage exceeds the threshold,
the RT9730 will turn off the power MOSFET within 1
μs to
prevent damage to the electronics in the handheld system.
The hysteresis for the input OVP threshold is 100mV.
When the input voltage returns to normal operation voltage
range, the RT9730 re-enables the MOSFET. The RT9730
can with stand an input voltage up to 30V without suffering
damage.
Battery Voltage Monitor
The RT9730 monitors the battery voltage by the OUT pin.
When the battery voltage exceeds the voltage level of (VIN
− 0.2V), the RT9730 will turn off the MOSFET and the
battery will not be charged. The RT9730 will recharge the
battery when the battery voltage is lower than the voltage
level of (VIN
− 0.2V).
Internal Over Temperature Protection (OTP)
The RT9730 monitors its own internal temperature to
prevent thermal failures. When the internal temperature
reaches 140
°C with a built-in hysteresis of 20°C, the IC
turns off the power MOSFET. The IC does not resume
operation until the internal temperature drops below 120
°C.
Input Under Voltage Protection (UVLO)
The RT9730 monitors input voltage to prevent abnormally
low input voltage from causing output system failures.
The RT9730 input under voltage protection threshold is
set to 2.7V. When the input voltage is under the threshold,
the RT9730 will turn off the power MOSFET within 1
μs.
When the input voltage returns to normal operation voltage
range, the RT9730 re-enables the MOSFET.
System Operation Description
Figure 2 shows the connection of RT9730 in a system
diagram. The OUT pin of the SOC will sense the voltage
of the 0.2
Ω sense resistor and the voltage of the VBAT
pin. Then, the GATDRV pin of the SOC can control the
MOSFET of the RT9730 accordingly to determine the level
of the charge current. The power of the SOC is provided
by the CHRIN pin of the RT9730. The RT9730 also provides
OVP function to the SOC. Once the input voltage at the
ACIN pin is higher than the OVP level, the RT9730 will
shutdown to prevent the SOC from damage. If the voltage
of the battery connected to the VBAT pin is full, the RT9730
stops charging by turning off the OUT pin. Input and output
capacitors of 1
μF are recommended to be placed as close
to the IC as possible.
Start
VIN > UVLO
TJ > OTP
VIN > OVP
Y
YY
N
N
N
Power-Off
Status
OTP Status
PFET=OFF
OVP Status
P-MOSFET = Off(Fast)
Normal Status
P-MOSFET = ON
and Control by
GATDRV
Figure 2. Application Diagram of RT9730 with SOC
RT9730
ACIN
GND
CHRIN
OUT
GATDRV
VIN
CIN
COUT
1µF
1µF
0.2
SOC
CHRIN
GATEDRV
OUT
VBAT
1µF
Battery



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com