Electronic Components Datasheet Search
  English  ▼

X  

RT9052 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9052
Description  Single Channel LED Current Source Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9052 Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9052 Datasheet HTML 1Page - Richtek Technology Corporation RT9052 Datasheet HTML 2Page - Richtek Technology Corporation RT9052 Datasheet HTML 3Page - Richtek Technology Corporation RT9052 Datasheet HTML 4Page - Richtek Technology Corporation RT9052 Datasheet HTML 5Page - Richtek Technology Corporation RT9052 Datasheet HTML 6Page - Richtek Technology Corporation RT9052 Datasheet HTML 7Page - Richtek Technology Corporation RT9052 Datasheet HTML 8Page - Richtek Technology Corporation RT9052 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT9052
7
DS9052-01 April 2011
www.richtek.com
Application Information
The RT9052 is a low cost single channel LED current
source controller with a specific FAULT indicating scheme.
This device can drive an external NPN-BJT for various
applications. The RT9052 is operated with VCC power
ranging from 3.8V to 13.5V. With such a topology, it is
very flexible and cost effective.
Capacitors Selection
Careful selection of the external capacitors for the RT9052
is necessary to maintain high stability and performance.
A capacitor
≥ 1μF must be connected between VCC and
ground to improve supply voltage stability for proper
operation.
FAULT Function
The RT9052 has a FAULT function with delay. The FAULT
output is an open drain output. Connect a 100k
Ω pull up
resistor to external 5V source to obtain an output voltage.
When the ISET voltage reaches 90% of normal value,
FAULT will become active and be pulled high by external
circuits with a typical 3ms delay.
LED Current Setting
The RT9052 includes a 0.8V reference voltage for easy
setting of the LED current source. As shown in application
circuit, the LED current is easily set via an RISET resistor.
)
LED
ISET
0.8 (V)
I
=
R
(
Ω
( A)
PWM Dimming Operation
For controlling the LEDbrightness, the RT9052 can perform
dimming control by applying a PWM signal to the DIM
pin. The average LED current is proportional to the PWM
signal duty cycle. Note that the magnitude of the PWM
signal needs to be higher than the maximum dimming
voltage of the DIM pin, in order to have correct dimming
control.
NPN Transistor Selection
The RT9052 drives the NPN transistor via the DRI pin
(source Base current IB ). When making an NPN transistor
selection, the following criteria Should be considered :
DC current gain hFE , threshold voltage VBE, collector-
emitter voltage VCE, maximum collector current IC
package thermal resistance
θ(JA).
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
P
D(MAX) = (TJ(MAX) − TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT9052, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For
SOT-23-6 packages, the thermal resistance,
θJA, is
250
°C/W on a standard JEDEC 51-3 single-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (250°C/W) = 0.400W for
SOT-23-6 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For the RT9052 package, the derating
curve in Figure 1 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com