Electronic Components Datasheet Search
  English  ▼

X  

RT9052 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9052
Description  Single Channel LED Current Source Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9052 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9052 Datasheet HTML 1Page - Richtek Technology Corporation RT9052 Datasheet HTML 2Page - Richtek Technology Corporation RT9052 Datasheet HTML 3Page - Richtek Technology Corporation RT9052 Datasheet HTML 4Page - Richtek Technology Corporation RT9052 Datasheet HTML 5Page - Richtek Technology Corporation RT9052 Datasheet HTML 6Page - Richtek Technology Corporation RT9052 Datasheet HTML 7Page - Richtek Technology Corporation RT9052 Datasheet HTML 8Page - Richtek Technology Corporation RT9052 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9052
3
DS9052-01 April 2011
www.richtek.com
Electrical Characteristics
(VCC = 5V/12V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings (Note 1)
Supply Input Voltage, VCC ---------------------------------------------------------------------------------------------- 15V
DIM Voltage ---------------------------------------------------------------------------------------------------------------- 7V
FAULT Output Voltage --------------------------------------------------------------------------------------------------- 7V
Power Dissipation, PD @ TA = 25
°C
SOT-23-6 -------------------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 2)
SOT-23-6,
θJA -------------------------------------------------------------------------------------------------------------- 250°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------ 260
°C
Junction Temperature ---------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VCC ---------------------------------------------------------------------------------------------- 3.8V to 13.5V
DIM Voltage ---------------------------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range -------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
UVLO Threshold
VCC Rising
3.15
3.4
3.65
V
UVLO Hysteresis
0.1
0.2
0.3
V
VCC Supply Current
ICC
VCC = 12V
--
0.3
0.8
mA
Driver Source Current
VCC = 12V, VDRI = 6V
5
--
--
mA
Driver Sink Current
VCC = 12V, VDRI = 6V
5
--
--
mA
ISET Reference Voltage
VREF
VCC = 12V, VDRI = 5V
0.784
0.8
0.816
V
ISET Line Regulation
VCC = 4.5V to 13.5V
--
3
6
mV
Amplifier Voltage Gain
VCC = 12V, No Load
--
70
--
dB
FAULT Rising Threshold
VCC = 12V
85
90
95
%VREF
FAULT Hysteresis
VCC = 12V
--
15
--
%VREF
Sink Capability
VCC = 12V @ 1mA
--
0.2
0.4
V
Delay Time
tDELAY
VCC = 12V
1
3
10
ms
Falling Delay
VCC = 12V
--
15
20
μs
DIM
DIM Rising Threshold
DIMth
VCC = 12V
--
0.7
1
V
DIM Hysteresis
VCC = 12V
--
30
--
mV
Standby Current
ISTANDBY
VCC = 12V, VDIM = 0V
--
--
5
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com