Electronic Components Datasheet Search
  English  ▼

X  

RT9137 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9137
Description  Rail-to-Rail Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9137 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9137 Datasheet HTML 3Page - Richtek Technology Corporation RT9137 Datasheet HTML 4Page - Richtek Technology Corporation RT9137 Datasheet HTML 5Page - Richtek Technology Corporation RT9137 Datasheet HTML 6Page - Richtek Technology Corporation RT9137 Datasheet HTML 7Page - Richtek Technology Corporation RT9137 Datasheet HTML 8Page - Richtek Technology Corporation RT9137 Datasheet HTML 9Page - Richtek Technology Corporation RT9137 Datasheet HTML 10Page - Richtek Technology Corporation RT9137 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RT9137/8/9
7
DS9137/8/9-01 April 2011
www.richtek.com
Electrical Characteristics
(VS+ = 2.5V, VS- =
−2.5V, RL = 1kΩ to 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Characteristics
Input Offset Voltage
VOS
VCM = 0V
--
3
17.5
mV
Average Offset Voltage Drift
Note (2)
ΔV
OS/ΔT
−40°C ≤ T
A ≤ 85°C
--
7
--
μV/°C
Input Bias Current
IB
VCM = 0V
--
2
60
nA
Input Impedance
Note (2)
RIN
--
1
--
G
Ω
Input Capacitance
Note (2)
CIN
--
2
--
pF
Common-Mode Input Range
CMIR
−3
--
3
V
Common-Mode Rejection Ratio CMRR
For VIN from −3V to 3V
--
70
--
dB
Open-Loop Gain
AVOL
−2V ≤ V
OUT ≤ 2V
--
70
--
dB
Output Characteristics
Output Swing Low
VOL
IL = −5mA
--
−2.42
−2.35
V
Output Swing High
VOH
IL = 5mA
2.35
2.42
--
V
Continuous Output Current
IOC
--
±35
--
mA
Peak Output Current
IPC
--
100
--
mA
Power Supply
Power Supply Rejection Ratio
PSRR
VS is moved from ±2.25V to ±7.5V
--
70
--
dB
Supply Current/Amplifier
ISY
No Load, Per Channel
--
4.4
--
mA
Dynamic Performance
Slew Rate
Note (1)
SR
−2V ≤ VOUT ≤ 2V, 20% to 80%
--
110
--
V/us
Setting to ±0.1% (AV = 1)
Note (2)
tS
(AV = 1), VOUT = 2V step
--
100
--
ns
−3dB Bandwidth
BW
RL = 10kΩ, CL =10 pF
--
50
--
MHz
Gain-Bandwidth Product
GBWP
RL = 10kΩ, CL =10 pF
--
30
--
MHz
Phase Margin
Note (2)
PM
RL = 10kΩ, CL =10 pF
--
50
--
°
Channel Separation
CS
f = 5MHz
--
75
--
dB
Note :
(1) Slew rate is measured on rising and falling edges.
(2) Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com