Electronic Components Datasheet Search
  English  ▼

X  

RT9137 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9137
Description  Rail-to-Rail Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9137 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9137 Datasheet HTML 1Page - Richtek Technology Corporation RT9137 Datasheet HTML 2Page - Richtek Technology Corporation RT9137 Datasheet HTML 3Page - Richtek Technology Corporation RT9137 Datasheet HTML 4Page - Richtek Technology Corporation RT9137 Datasheet HTML 5Page - Richtek Technology Corporation RT9137 Datasheet HTML 6Page - Richtek Technology Corporation RT9137 Datasheet HTML 7Page - Richtek Technology Corporation RT9137 Datasheet HTML 8Page - Richtek Technology Corporation RT9137 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
RT9137/8/9
1
DS9137/8/9-01 April 2011
www.richtek.com
Ordering Information
Rail-to-Rail Operational Amplifier
General Description
The RT9137/RT9138/RT9139 consist low power, high slew
rates, rail-to-rail input and output operation amplifiers.
The RT9137 contains a single amplifier, RT9138 contains
two amplifiers and RT9139 contains four amplifiers in one
package.
The RT9137/RT9138/RT9139 have high slew rates
(120V/
μs), 35mA continuous output current, 300mA peak
output current and offset voltage below 16.5mV.
The RT9137 is available in TSOT-23-5 and WDFN-6L 2x2
packages. The RT9138 is available in MSOP-8 and
WDFN-6L 2x2 packages. The RT9139 is available in
WQFN-16L 4x4, TSSOP-14, TSSOP-14 (Exposed Pad),
MSOP-10 and WDFN-10L 3x3 package.
The RT9137/RT9138/RT9139 are specified for operation
over the full
−40°C to 85°C temperature range.
Features
Rail-to-Rail Output Swing
Supply Voltage : 4.5V to 16.5V
Continuous Output Current : 35mA
Peak Output Current : 300mA
High Slew Rate : 120V/
μμμμμs
RoHS Compliant and Halogen Free
Applications
Notebook Computer Displays
LCD Monitor Panels
Automotive Displays
LCD-TVs
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9137
Lead Plating System
G : Green (Halogen Free and Pb Free)
Package Type
J5 : TSOT-23-5
QW : WDFN-6L 2x2 (W-Type)
RT9138A
Package Type
F : MSOP-8
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9138B
Package Type
QW : WDFN-6L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9139A
Package Type
C : TSSOP-14
CP : TSSOP-14 (Exposed Pad)
QW : WQFN-16L 4x4 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9139B
Package Type
F : MSOP-10
QW : WDFN-10L 3x3 (W-Typw)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9137

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
RT9131CN ETC1-RT9131CN Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
RT9131CS ETC1-RT9131CS Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
RT9133AGB RICHTEK-RT9133AGB Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9137

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com