Electronic Components Datasheet Search
  English  ▼

X  

RT9824 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9824
Description  Smart Multi-Voltage Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9824 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9824 Datasheet HTML 1Page - Richtek Technology Corporation RT9824 Datasheet HTML 2Page - Richtek Technology Corporation RT9824 Datasheet HTML 3Page - Richtek Technology Corporation RT9824 Datasheet HTML 4Page - Richtek Technology Corporation RT9824 Datasheet HTML 5Page - Richtek Technology Corporation RT9824 Datasheet HTML 6Page - Richtek Technology Corporation RT9824 Datasheet HTML 7Page - Richtek Technology Corporation RT9824 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RT9824
1
DS9824-01 April 2011
www.richtek.com
Pin Configurations
(TOP VIEW)
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
TSOT-23-8
Smart Multi-Voltage Detector
Features
Capable of Monitoring Three Inputs Precisely
Detection Threshold Voltages
VCC Connect to 5V or 3.3V Standby Power
V5 : 5V x 80%
V54 : 5.4V x 80%
VADJ : 1V (Using Resistor Divider)
Accuracy :
±±±±±2%
RESET (Open Drain Output Active Low)
Built-in Recovery Delay 300ms
CTR (Open Drain Output Active Low)
Manual Reset (MR) Function
TSOT-23-8 Package
RoHS Compliant and Halogen Free
Applications
LCD TV or Monitors
Consumer Electronic Products
System Voltage Detector
General Description
The RT9824 is an integrated smart multi-voltage detector
supervising three power supply voltage levels including
5V, 5.4V and additional 3.3V, 12V or other voltage which
can be determined by external divided resisters.
The RT9824 performs supervisory function by sending out
RESET and CTR signals whenever the monitored voltages
fall below 80% of voltage levels. The RESET and CTR
signals will last the whole period before VCC recovering.
Once the supervising voltages are recovered to higher
than 80% of the voltage levels, the RESET and CTR signal
will be released after 300ms delay time.
MR (Manual Reset) controls CTR signal during three
monitored power supply voltages at normal voltage levels.
When MR signal is in logic high, the CTR signal will be
pulled low immediately. However the RESET will not be
interfered and will be kept at high level.
The RT9824 is available in the TSOT-23-8 package.
5
34
6
8
2
7
Marking Information
AF= : Product Code
DNN : Date Code
AF=DNN
Package Type
J8 : TSOT-23-8
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9824


Similar Part No. - RT9824

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
Smart Multi-Voltage Detector
More results

Similar Description - RT9824

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Richtek Technology Corp...
RT9823 RICHTEK-RT9823 Datasheet
144Kb / 7P
Smart Multi-Voltage Detector
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
logo
Richtek Technology Corp...
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
Smart Multi-Voltage Detector
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com