Electronic Components Datasheet Search
  English  ▼

X  

RT9824 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9824
Description  Smart Multi-Voltage Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9824 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9824 Datasheet HTML 1Page - Richtek Technology Corporation RT9824 Datasheet HTML 2Page - Richtek Technology Corporation RT9824 Datasheet HTML 3Page - Richtek Technology Corporation RT9824 Datasheet HTML 4Page - Richtek Technology Corporation RT9824 Datasheet HTML 5Page - Richtek Technology Corporation RT9824 Datasheet HTML 6Page - Richtek Technology Corporation RT9824 Datasheet HTML 7Page - Richtek Technology Corporation RT9824 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RT9824
2
DS9824-01 April 2011
www.richtek.com
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
CTR
Control Output (Open Drain, Active-Low). Only when VCC is > POR, V5 is > 80%, V54 is
> 80%, and VADJ is > 1V, the CTR will delay 300ms and become high. Once V5 or V54
or VADJ is <80%, the signal will become low. When MR is high, CTR will become low.
2
RESET
RESET Output (Open Drain, Active-Low). Only when VCC is > POR, V5 is > 80%, V54 is
> 80%, and VADJ is > 1V, the RESET will delay 300ms and become high. Once V5 or
V54 or VADJ is < 80%, the signal will become low.
3
GND
Ground.
4
MR
Manual Reset Input. Manual reset with internal pull high resister (1M
Ω), H : CTR = Low;
L : CTR signal is dependent on voltage detector output.
5
VADJ
Voltage Detection Input. Connect 12V or other power with external resister divider to this
pin. The VADJ logic-high threshold voltage is 1V.
6
V5
5V Voltage Detection Input. The detection threshold is 5V x 80%.
7
V54
54V Voltage Detection Input. The detection threshold is 5.4V x 80%.
8
VCC
Connect this Pin to Standby Power from system.
Functional Pin Description
Typical Application Circuit
Delay
300ms
Voltage
Regulator
POR
Voltage Detector
(VTH = 1V)
MR
VCC
V5
VADJ
V54
CTR
VREF
Voltage Detector
(VTH = 5V x 80%)
Voltage Detector
(VTH = 5.4V x 80%)
RESET
GND
CTR
GND
MR
VCC
V5
VADJ
V54
RT9824
3.3V or 5V
12V
Manual Reset
5V
5.4V
1
2
3
8
5
4
6
7
100k
Pull Up
RESET
µP
VDD
RESET
R1
R2
µP
VDD
CTR
100k
Pull Up



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com