Electronic Components Datasheet Search
  English  ▼

X  

RT9824 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9824
Description  Smart Multi-Voltage Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9824 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9824 Datasheet HTML 1Page - Richtek Technology Corporation RT9824 Datasheet HTML 2Page - Richtek Technology Corporation RT9824 Datasheet HTML 3Page - Richtek Technology Corporation RT9824 Datasheet HTML 4Page - Richtek Technology Corporation RT9824 Datasheet HTML 5Page - Richtek Technology Corporation RT9824 Datasheet HTML 6Page - Richtek Technology Corporation RT9824 Datasheet HTML 7Page - Richtek Technology Corporation RT9824 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RT9824
3
DS9824-01 April 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC Supply Current
IVCC
Without load
--
--
200
μA
VCC Operating Voltage
VCC
2.97
5
5.94
V
VCC POR Rising
VPOR
--
2.8
--
V
VCC POR Hysteresis
VPOR_Hys
--
0.15
--
V
Voltage Detector & MUTE Threshold
V5 High Threshold Voltage
V5TH
3.92
4
4.08
V
V54 High Threshold Voltage
V54TH
4.23
4.32
4.41
V
VADJ High Threshold Voltage
VADJTH
0.98
1
1.02
V
Manual Reset High Voltage
VIH
2
--
--
V
Manual Reset Low Voltage
VIL
--
--
0.8
V
Voltage Detector Deglitch and Delay
Voltage Detectors Delay Time
TDELAY
200
300
--
ms
Voltage Detectors Deglitch Time TDEGLITCH
--
20
--
μs
Output : Open Drain
RESET Output Low Voltage
VOL_RESET VCC = 3.3V, 5mA sinking current
at RESET output
--
--
0.3
V
CTR Output Low Voltage
VOL_CTR
VCC = 3.3V, 5mA sinking current
at CTR output
--
--
0.3
V
Recommended Operating Conditions
(Note 4)
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings
(Note 1)
VCC, CTR, MR, RESET, V5, V54, VADJ ------------------------------------------------------------------------------
−0.3V to 6.5V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-8 --------------------------------------------------------------------------------------------------------------------- 0.435W
Package Thermal Resistance (Note 2)
TSOT-23-8,
θJA --------------------------------------------------------------------------------------------------------------- 230°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------------- 200V
(VCC = 5V, TA = 25
°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com