Electronic Components Datasheet Search
  English  ▼

X  

SLD304XT Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD304XT
Description  1000mW High Power Laser Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD304XT Datasheet(HTML) 3 Page - Sony Corporation

  SLD304XT Datasheet HTML 1Page - Sony Corporation SLD304XT Datasheet HTML 2Page - Sony Corporation SLD304XT Datasheet HTML 3Page - Sony Corporation SLD304XT Datasheet HTML 4Page - Sony Corporation SLD304XT Datasheet HTML 5Page - Sony Corporation SLD304XT Datasheet HTML 6Page - Sony Corporation SLD304XT Datasheet HTML 7Page - Sony Corporation SLD304XT Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
– 3 –
SLD304XT
Example of Representative Characteristics
Optical power output vs. Forward current characteristics
IF – Forward current [mA]
0
500
1000
1500
2000
0
500
1000
Optical power output vs. Monitor current characteristics
Imon – Monitor current [mA]
0
1
0.5
0
1000
500
Threshold current vs. Temperature characteristics
Tth – Thermistor temperature [
°C]
–10
0
10
20
30
100
1000
500
Power dependence of far field pattern
(parallel to junction)
Angle [degree]
–30
–20
0
–10
10
20
30
780
790
800
810
820
830
Oscillation wavelength vs. Temperature characteristics
Tth – Thermistor temperature [
°C]
–10
0
10
20
30
40
Power dependence of near field pattern
200
µm
Tth = –10
°C
Tth = 0
°C
Tth = 25
°C
Tth = 30
°C
Tth = 15
°C
Tth = 15
°C
Tth = 0
°C
Tth = 25
°C
Tth = 30
°C
Tth = 25
°C
Tth = 25
°C
PO = 900mW
PO =
900mW
PO = 900mW
PO = 800mW
PO = 600mW
PO = 400mW
PO = 200mW
PO =
800mW
PO =
600mW
PO =
400mW
PO =
200mW
Tth = –10
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com