Electronic Components Datasheet Search
  English  ▼

X  

SLD304XT Datasheet(PDF) 7 Page - Sony Corporation

Part # SLD304XT
Description  1000mW High Power Laser Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD304XT Datasheet(HTML) 7 Page - Sony Corporation

  SLD304XT Datasheet HTML 1Page - Sony Corporation SLD304XT Datasheet HTML 2Page - Sony Corporation SLD304XT Datasheet HTML 3Page - Sony Corporation SLD304XT Datasheet HTML 4Page - Sony Corporation SLD304XT Datasheet HTML 5Page - Sony Corporation SLD304XT Datasheet HTML 6Page - Sony Corporation SLD304XT Datasheet HTML 7Page - Sony Corporation SLD304XT Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
– 7 –
SLD304XT
∆T : Tc – Tth
Tth: Thermistor temperature
Tc : Case temperature
0
0
3
5
4
1
2
5
10
TE cooler characteristics 1
∆T – Temperature difference [°C]
0
50
100
0
0
3
5
4
1
2
5
10
TE cooler characteristics 2
∆T – Temperature difference [°C]
0
50
100
1
5
10
50
Termistor characteristics
Tth – Thermistor temperature [
°C]
–10 0
10 20 30 40 50 60 70
Wavelength [nm]
795
805
815
Tth = 25
°C
Tc = 33
°C
Tc = 25
°C
Wavelength [nm]
795
805
815
Tth = 30
°C
IT = 2.5A
1.5A
2.0A
1.0A
0.5A
2.0A
∆T vs V
IT = 2.5A
1.5A
2.0A
1.0A
0.5A
0.5
A
1.0
A
1.5
A
2.5
A
2.0A
∆T vs V
∆
T
vs
Q
TE cooler characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com