Electronic Components Datasheet Search
  English  ▼

X  

SLD304XT Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD304XT
Description  1000mW High Power Laser Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD304XT Datasheet(HTML) 1 Page - Sony Corporation

  SLD304XT Datasheet HTML 1Page - Sony Corporation SLD304XT Datasheet HTML 2Page - Sony Corporation SLD304XT Datasheet HTML 3Page - Sony Corporation SLD304XT Datasheet HTML 4Page - Sony Corporation SLD304XT Datasheet HTML 5Page - Sony Corporation SLD304XT Datasheet HTML 6Page - Sony Corporation SLD304XT Datasheet HTML 7Page - Sony Corporation SLD304XT Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1000mW High Power Laser Diode
Description
The SLD304XT allows independent thermal and electric design.
This laser diode has a built-in TE (Thermo Electric) cooler.
Features
• High power
Recommended optical power output Po = 900mW
• Low operating current
• Flat Package with built-in photodiode, TE cooler and thermistor
Applications
• Solid state laser excitation
• Medical use
Structure
AlGaAs double-hetero-type laser diode
Operating Lifetime
MTTF 10,000H (effective value) at Po = 900mW, Tth = 25°C
Absolute Maximum Ratings (Tth = 25°C)
• Optical power output
Po
1000
mW
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature
Topr
–10 to +30
°C
• Storage temperature
Tstg
–40 to +85
°C
– 1 –
E88066C02-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD304XT
12
TH
LD
TE Cooler
PD
P
N
3
4
56
78
18
Equivalent Circuit
No.
1
2
3
4
5
6
7
8
Function
TE cooler (negative)
Thermistor lead 1
Thermistor lead 2
Laser diode (anode)
Laser diode (cathode)
Photodiode (cathode)
Photodiode (anode)
TE cooler (positive)
Pin Configuration (Top View)
Warranty
This warranty period shall be 90 days after receipt of the product or
1,000 hours operation time whichever is shorter.
Sony Quality Assurance Department shall analyze any product that
fails during said warranty period, and if the analysis results show
that the product failed due to material or manufacturing defects on
the part of Sony, the product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which follow a Weibull
distribution.
Special warranties are also available.


Similar Part No. - SLD304XT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
Block-type 1000mW High Power Laser Diode
SLD304V SONY-SLD304V Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
SLD304V-1 SONY-SLD304V-1 Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
SLD304V-2 SONY-SLD304V-2 Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
SLD304V-21 SONY-SLD304V-21 Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
More results

Similar Description - SLD304XT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
Block-type 1000mW High Power Laser Diode
SLD304V SONY-SLD304V Datasheet
156Kb / 7P
1000mW High Power Laser Diode?
logo
DB Lectro Inc
8013-2323-AU DBLECTRO-8013-2323-AU Datasheet
67Kb / 1P
808nm 1000mW IR Laser Diodes AUTO PACKAGE
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com