Electronic Components Datasheet Search
  English  ▼

X  

RT9516 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9516
Description  Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9516 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9516 Datasheet HTML 1Page - Richtek Technology Corporation RT9516 Datasheet HTML 2Page - Richtek Technology Corporation RT9516 Datasheet HTML 3Page - Richtek Technology Corporation RT9516 Datasheet HTML 4Page - Richtek Technology Corporation RT9516 Datasheet HTML 5Page - Richtek Technology Corporation RT9516 Datasheet HTML 6Page - Richtek Technology Corporation RT9516 Datasheet HTML 7Page - Richtek Technology Corporation RT9516 Datasheet HTML 8Page - Richtek Technology Corporation RT9516 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9516
1
DS9516-01 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Probable Instruments
Pin Configurations
General Description
The RT9516 is a fully integrated low cost single-cell
Li-Ion battery charger ideal for portable applications. The
RT9516 is capable of being powered up from AC adapter
and USB (Universal Serial Bus) port inputs. The RT9516
enters sleep mode when supplies are removed. The
RT9516 optimizes the charging task by using a control
algorithm including preconditioning mode, fast charge
mode and constant voltage mode. The charging task will
keep in constant voltage mode to hold the battery in a full
charge condition. The charge current can be programmed
with an external resister. The internal thermal feedback
circuitry regulates the die temperature to optimize the
charge rate for all ambient temperatures. The RT9516
features 28V maximum rating voltages for VIN. The other
features are under voltage protection, over voltage
protection for AC adapter supply.
RT9516 also provide a booting assistant circuit which
detect input source and battery connection condition and
provide an output signal (ABO) for system booting.
The RT9516 is available in WDFN-8L 2x2 tiny package to
achieve best solution for PCB space and total BOM cost
saving considerations.
Linear Single Cell Li-lon Battery Charger with Single Input
Supply for Portable Applications
Features
28V Maximum Rating for AC Adapter
Internal Integrated Power MOSFETs
AC Adapter Power Good Status Indicator
Programmed Charging Current
Output for Auto-Booting
Under Voltage Protection
Over Voltage Protection
Thermal Feedback Optimizing Charge Rate
RoHS Compliant and Halogen Free
WDFN-8L 2x2
(TOP VIEW)
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
VIN
ABI
GND
BATT
ABO
ISET
7
6
5
1
2
3
4
8
9
PGOOD
EN
RT9516
Package Type
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9516

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9511 RICHTEK-RT9511 Datasheet
525Kb / 24P
Fully Integrated Battery Charger with Two Step-Down Converters
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9513GQW RICHTEK-RT9513GQW Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
More results

Similar Description - RT9516

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1898 MAXIM-MAX1898 Datasheet
210Kb / 12P
Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
Richtek Technology Corp...
RT9502 RICHTEK-RT9502 Datasheet
318Kb / 13P
Linear Single Cell Li-Ion Battery Charger IC with Dual Input Supply
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com