Electronic Components Datasheet Search
  English  ▼

X  

RT9516 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9516
Description  Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9516 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9516 Datasheet HTML 1Page - Richtek Technology Corporation RT9516 Datasheet HTML 2Page - Richtek Technology Corporation RT9516 Datasheet HTML 3Page - Richtek Technology Corporation RT9516 Datasheet HTML 4Page - Richtek Technology Corporation RT9516 Datasheet HTML 5Page - Richtek Technology Corporation RT9516 Datasheet HTML 6Page - Richtek Technology Corporation RT9516 Datasheet HTML 7Page - Richtek Technology Corporation RT9516 Datasheet HTML 8Page - Richtek Technology Corporation RT9516 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9516
2
DS9516-01 April 2011
www.richtek.com
Function Block Diagram
Typical Application Circuit
System Supply
ABI
ABO
BATT
ISET
RT9516
CIN
1µF
VIN
1
2
3
4
5
6
7
8
VIN
(Adapter or USB)
GND
COUT
Battery
Pack
RSET
To System
2.2µF
PGOOD
EN
Chip Enable
CC/CV/TR
Loop
Controller
Logic
Controller
OVP
UVLO
200k
200k
BATT
ABO
VBATT
ABI
GND
EN
ISET
VIN
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com