Electronic Components Datasheet Search
  English  ▼

X  

RT9516 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9516
Description  Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9516 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9516 Datasheet HTML 1Page - Richtek Technology Corporation RT9516 Datasheet HTML 2Page - Richtek Technology Corporation RT9516 Datasheet HTML 3Page - Richtek Technology Corporation RT9516 Datasheet HTML 4Page - Richtek Technology Corporation RT9516 Datasheet HTML 5Page - Richtek Technology Corporation RT9516 Datasheet HTML 6Page - Richtek Technology Corporation RT9516 Datasheet HTML 7Page - Richtek Technology Corporation RT9516 Datasheet HTML 8Page - Richtek Technology Corporation RT9516 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9516
3
DS9516-01 April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Input Power Source. The VIN can withstand up to 28V input.
2,
9 (Exposed Pad)
GND
Power Ground. The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
3
ISET
Charge Current Set Point.
4
ABI
Auto-Booting External Input. ABI is pulled to GND through an internal 200k
Ω
resistor.
5
ABO
Auto-Booting Logic Output.
6
EN
Charge Enable (Active Low). With internal 200k
Ω pull low resistor.
7
PGOOD
PGOOD pin connect to VIN with 10
Ω N-MOSFET as power good condition.
8
BATT
Battery Charge Current Output.
Flow Chart
Standby State
P-MOSFET = OFF
BATT > 2.5V
Soft-Start
Power Off State
P-MOSFET = OFF
Any State or
VIN > OVP or
EN = H
YES
NO
VIN - VBATT > VOS
Sleep State
P-MOSFET = OFF
NO
Fast-Charge
ICHG_F = 570mA
RSET = 2.8k
CV State
VBATT = 4.2V
ICHG = 0A
Pre_Charge
ICHG_pre = (1/10) x
ICHG_F
VIN < OVP &
EN = H
YES
YES
NO
YES
NO
BATT
V4.2V
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com