Electronic Components Datasheet Search
  English  ▼

X  

RT9525 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9525
Description  Linear Single Cell Li-Ion Battery Charger with Auto Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9525 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9525 Datasheet HTML 3Page - Richtek Technology Corporation RT9525 Datasheet HTML 4Page - Richtek Technology Corporation RT9525 Datasheet HTML 5Page - Richtek Technology Corporation RT9525 Datasheet HTML 6Page - Richtek Technology Corporation RT9525 Datasheet HTML 7Page - Richtek Technology Corporation RT9525 Datasheet HTML 8Page - Richtek Technology Corporation RT9525 Datasheet HTML 9Page - Richtek Technology Corporation RT9525 Datasheet HTML 10Page - Richtek Technology Corporation RT9525 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT9525
7
DS9525-01 May 2011
www.richtek.com
Typical Operating Characteristics
Load Transient Response
Time (1ms/Div)
IIN
(1A/Div)
VIN
(10V/Div)
VSYS
(5V/Div)
IBAT
(2A/Div)
APPM, 1.5A Mode, VIN = 5V, VBAT = 3.7V
RISETA = 1k
Ω, ISYS = 0 to 2A
ISYS
(2A/Div)
VBAT
(5V/Div)
SYSOFF On/Off With Input Power
Time (5ms/Div)
VBAT
(5V/Div)
VSYSOFF
(5V/Div)
VSYS
(5V/Div)
IBAT
(200mA/Div)
VIN = 6V, VBAT = 3.7V, 1.5A Mode, RISETA = 1k
Ω
VIN = 5V, VBAT = 3.7V, 1.5A Mode, RISETA = 1k
Ω
Charger Detect Sequence
Time (10ms/Div)
CHG
(5V/Div)
EN
(5V/Div)
VBAT
(2V/Div)
IBAT
(500mA/Div)
SYSOFF On/Off Without Input Power
Time (5ms/Div)
VBAT
(5V/Div)
VSYSOFF
(5V/Div)
VSYS
(5V/Div)
IBAT
(500mA/Div)
VIN = NC, VBAT = 3.7V, 1.5A Mode,
RISETA = 1k
Ω, RSYS = 10kΩ
OVP Fault
Time (50
μs/Div)
VSYS
(2V/Div)
VIN
(10V/Div)
VBAT
(1V/Div)
IBAT
(500mA/Div)
VIN = 5V to 15V, VBAT = 3.7V,
1.5A Mode, RISETA = 1k
Ω, RSYS = 10Ω
VIN
VSYS
VBAT
IBAT
Charger CHG Status After Safety Timers Expired
Time (250
μs/Div)
VIN
(5V/Div)
CHG
(2V/Div)
VBAT
(2V/Div)
IBAT
(500mA/Div)
VIN = 5V, VBAT = 3.7V, RISETA = 620
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com