Electronic Components Datasheet Search
  English  ▼

X  

RT9525 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9525
Description  Linear Single Cell Li-Ion Battery Charger with Auto Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9525 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9525 Datasheet HTML 1Page - Richtek Technology Corporation RT9525 Datasheet HTML 2Page - Richtek Technology Corporation RT9525 Datasheet HTML 3Page - Richtek Technology Corporation RT9525 Datasheet HTML 4Page - Richtek Technology Corporation RT9525 Datasheet HTML 5Page - Richtek Technology Corporation RT9525 Datasheet HTML 6Page - Richtek Technology Corporation RT9525 Datasheet HTML 7Page - Richtek Technology Corporation RT9525 Datasheet HTML 8Page - Richtek Technology Corporation RT9525 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9525
1
DS9525-01 May 2011
www.richtek.com
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
General Description
The RT9525 is an integrated single cell Li-ion battery
charger with Auto Power Path Management (APPM). No
external MOSFETs are required. The RT9525 enters sleep
mode when power is removed. Charging tasks are
optimized by using a control algorithm to vary the charge
rate including pre-charge mode, fast charge mode and
constant voltage mode. For the RT9525, the charge current
can also be programmed with an external resister.
Additionally, the internal thermal feedback circuitry
regulates the die temperature to optimize the charge rate
for all ambient temperatures. The charging task will always
be terminated in constant voltage mode when the charging
current reduces to the termination current of 20%
ICHG_FAST. Other features include under voltage protection
and over voltage protection for the VIN supply.
Features
28V Maximum Rating for VIN Power
Selectable Power Current Limit (0.1A / 0.5A / 1.5A)
Integrated Power MOSFETs
Auto Power Path Management (APPM)
Programmable Charging Current Timer and Safe
Charge Timer
Under Voltage Protection
Over Voltage Protection
Power Good and Charger Status Indicator
Optimized Charge Rate via Thermal Feedback
16-Lead WQFN Package
RoHS Compliant and Halogen Free
Applications
Digital Cameras
PDAs and Smart Phones
Portable Instruments
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WQFN-16L 3x3
BAT
TS
BAT
NC
SYS
SYS
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND
17
EN
CHG
Marking Information
JG=YM
DNN
JG = : Product Code
YMDNN : Date Code
RT9525
Package Type
QW : WQFN-16L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9525

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
RT9526AGE RICHTEK-RT9526AGE Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
More results

Similar Description - RT9525

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com