Electronic Components Datasheet Search
  English  ▼

X  

RT9525 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9525
Description  Linear Single Cell Li-Ion Battery Charger with Auto Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9525 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9525 Datasheet HTML 7Page - Richtek Technology Corporation RT9525 Datasheet HTML 8Page - Richtek Technology Corporation RT9525 Datasheet HTML 9Page - Richtek Technology Corporation RT9525 Datasheet HTML 10Page - Richtek Technology Corporation RT9525 Datasheet HTML 11Page - Richtek Technology Corporation RT9525 Datasheet HTML 12Page - Richtek Technology Corporation RT9525 Datasheet HTML 13Page - Richtek Technology Corporation RT9525 Datasheet HTML 14Page - Richtek Technology Corporation RT9525 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9525
13
DS9525-01 May 2011
www.richtek.com
ISYS
VSYS
T1, T7
0
SYS Regulation Voltage
T2, T6
< IVIN_OC
− CHG_MAX
SYS Regulation Voltage
T3, T5
> IVIN_OC
− CHG_MAX
< IVIN_OC
Auto Charge Voltage
Threshold
T4
> IVIN_OC
VBAT − IBAT x RDS(ON)
IVIN
IBAT
T1, T7
CHG_MAX
CHG_MAX
T2, T6 ISYS + CHG_MAX
CHG_MAX
T3, T5
VIN_OC
VIN_OC
− ISYS
T4
VIN_OC
ISYS − IVIN_OC
ISYS
VSYS
T1, T7
0
SYS Regulation Voltage
T2, T6
< USB_OC
− CHG_MAX
SYS Regulation Voltage
T3, T5
> USB_OC
− CHG_MAX
< USB_OC
Auto Charge Voltage
Threshold
T4
> USB_OC
VBAT − IBAT x RDS(ON)
IUSB
IBAT
T1, T7
CHG_MAX
CHG_MAX
T2, T6 ISYS + CHG_MAX
CHG_MAX
T3, T5
USB_OC
USB_OC
− ISYS
T4
USB_OC
ISYS − USB_OC
0.25A
0
-0.25A
0.5A
0.75A
-0.5A
-0.75A
5V
4.3V
4.0V
IBAT
ISYS
IUSB
T1
T2
T3
T4
T5
T6
T7
VBAT
VUSB
VSYS
VAPPM
USB 500mA Mode
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT9525, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For WQFN-
16L 3x3 packages, the thermal resistance,
θJA, is 68°C/
W on a standard JEDEC 51-7 four-layer thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (68°C/W) = 1.471W for
WQFN-16L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For the RT9525 package, the derating
curve in Figure 2 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.
Figure 2. Derating Curve for the RT9525 Package
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com