Electronic Components Datasheet Search
  English  ▼

X  

RT9526 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9526
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9526 Datasheet HTML 2Page - Richtek Technology Corporation RT9526 Datasheet HTML 3Page - Richtek Technology Corporation RT9526 Datasheet HTML 4Page - Richtek Technology Corporation RT9526 Datasheet HTML 5Page - Richtek Technology Corporation RT9526 Datasheet HTML 6Page - Richtek Technology Corporation RT9526 Datasheet HTML 7Page - Richtek Technology Corporation RT9526 Datasheet HTML 8Page - Richtek Technology Corporation RT9526 Datasheet HTML 9Page - Richtek Technology Corporation RT9526 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9526
6
DS9526-01 April 2011
www.richtek.com
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a low-effective thermal conductivity single-layer test board of
JEDEC 51-3
thermal measurement standard. The measurement case position of
θJC is on the exposed pad of the
packages.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Thermal Regulation
TREG
--
115
--
°C
VIN Over Voltage Protection
Threshold
VOVP
10
11
13
V
VIN OVP Hysteresis
ΔVOVP
--
0.4
--
V
PGB Pull Down Voltage
5mA
--
200
--
mV
CHG_SB Pull Down Voltage
5mA
--
200
--
mV
EOC Current Setting
IIMIN
RIMIN = 137kΩ
20
30
40
mA
EOC Rising Threshold
RIREF = 29.4kΩ
90
110
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com