Electronic Components Datasheet Search
  English  ▼

X  

RT9526 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9526
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9526 Datasheet HTML 3Page - Richtek Technology Corporation RT9526 Datasheet HTML 4Page - Richtek Technology Corporation RT9526 Datasheet HTML 5Page - Richtek Technology Corporation RT9526 Datasheet HTML 6Page - Richtek Technology Corporation RT9526 Datasheet HTML 7Page - Richtek Technology Corporation RT9526 Datasheet HTML 8Page - Richtek Technology Corporation RT9526 Datasheet HTML 9Page - Richtek Technology Corporation RT9526 Datasheet HTML 10Page - Richtek Technology Corporation RT9526 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9526
7
DS9526-01 April 2011
www.richtek.com
Typical Operating Characteristics
Battery Regulation Voltage vs. Input Voltage
3.2
3.4
3.6
3.8
4.0
4.2
4.4
45
67
89
10
11
Input Voltage (V)
IBATT = 20mA
Charging Current vs. Input Voltage
100
105
110
115
120
125
130
135
140
145
150
155
3.0
4.5
6.0
7.5
9.0
10.5
Input Voltage (V)
RISET = 24.9
Ω
VBATT = 3V
VBATT = 3.7V
Battery Regulation Voltage vs. Charge Current
4.10
4.12
4.14
4.16
4.18
4.20
4.22
4.24
4.26
4.28
4.30
0
100
200
300
400
500
Change Current (mA)
VIN = 5V
Battery Current vs. Charging Time
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
5000 10000 15000 20000 25000 30000 35000
Charging Time (s)
VIN = 5V, RISET = 29.4k
Ω,
RIMIN = 137k
Ω
Battery Current vs. Charging Time
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
5000 10000 15000 20000 25000 30000 35000
Charging Time (s)
VIN = 5V, RISET = 29.4k
Ω,
RIMIN = 137k
Ω
Charge Current vs. Battery Voltage
0
50
100
150
200
250
300
350
400
450
500
0.5
1.3
2.1
2.9
3.7
4.5
Battery Voltage (V)
RISET = 9.1k
RISET = 29.4k
RISET = 9.1k
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com