Electronic Components Datasheet Search
  English  ▼

X  

BD900 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD900
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD900 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD900 Datasheet HTML 1Page - Comset Semiconductor BD900 Datasheet HTML 2Page - Comset Semiconductor BD900 Datasheet HTML 3Page - Comset Semiconductor BD900 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD896 – BD898 – BD900 – BD902
25/09/2012
COMSET SEMICONDUCTORS
1 | 4
SEMICONDUCTORS
SILICON DARLINGTON POWER TRANSISTORS
PNP epitaxial-base transistors in a monolithic Dalrington circuit and housed in a TO-220
enveloppe. They are intended for use in output stages in audio equipment, general amplifiers,
and analogue switching application.
NPN complements are BD895 - BD897 - BD899 - BD901
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
BD896
-45
V
BD898
-60
BD900
-80
BD902
-100
VCEO
Collector-Emitter Voltage
BD896
-45
V
BD898
-60
BD900
-80
BD902
-100
VEBO
Emitter-Base Voltage
BD896
-5
V
BD898
BD900
BD902
IC
Collector Current
BD896
-8
A
BD898
BD900
BD902
IB
Base Current
BD896
-300
mA
BD898
BD900
BD902
PT
Power Dissipation
Tc = 25°
70
Watts
Ta = 25°
2
TJ
Junction Temperature
150
°C
Ts
Storage Temperature range
-65 to +150


Similar Part No. - BD900

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD900 POINN-BD900 Datasheet
151Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BD900 TRSYS-BD900 Datasheet
435Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD900 BOURNS-BD900 Datasheet
116Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BD900 ISC-BD900 Datasheet
134Kb / 3P
Silicon PNP Power Transistors
logo
Rohm
BD9001F ROHM-BD9001F Datasheet
269Kb / 6P
Flexible Step-Down Switching Regulator
More results

Similar Description - BD900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
BD675 COMSET-BD675 Datasheet
86Kb / 4P
SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com