Electronic Components Datasheet Search
  English  ▼

X  

BD900 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD900
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD900 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD900 Datasheet HTML 1Page - Comset Semiconductor BD900 Datasheet HTML 2Page - Comset Semiconductor BD900 Datasheet HTML 3Page - Comset Semiconductor BD900 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD896 – BD898 – BD900 – BD902
25/09/2012
COMSET SEMICONDUCTORS
2 | 4
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff
Current
IE= 0
VCB = -45 V
TC=25°C
BD896
-
-
-0.2
mA
IE= 0
VCB = -60 V
BD898
IE= 0
VCB = -80 V
BD900
IE= 0
VCB = -100 V
BD902
IE= 0
VCB = -45 V
TC=100°
C
BD896
-
-
-2
mA
IE= 0
VCB = -60 V
BD898
IE= 0
VCB = -80 V
BD900
IE= 0
VCB = -100 V
BD902
ICEO
Collector Cutoff
Current
IE= 0, VCE = - 30 V
BD896
-
-
-0.5
mA
IE= 0, VCE = - 30 V
BD898
IE= 0, VCE = - 40 V
BD900
IE= 0, VCE = - 50 V
BD902
IEBO
Emitter Cutoff
Current
VEB= -5 V, IC= 0
BD896
-
-
-2
mA
BD898
BD900
BD902
VCEO
Collector-Emitter
Breakdown Voltage
(*)
IC= -100 mA, IB= 0
BD896
-45
-
-
V
BD898
-60
-
-
BD900
-80
-
-
BD902
-100
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= -3 A, IB= -12 mA
BD896
-
-
-2.5
V
BD898
BD900
BD902



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com