Electronic Components Datasheet Search
  English  ▼

X  

BD900 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BD900
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD900 Datasheet(HTML) 3 Page - Comset Semiconductor

  BD900 Datasheet HTML 1Page - Comset Semiconductor BD900 Datasheet HTML 2Page - Comset Semiconductor BD900 Datasheet HTML 3Page - Comset Semiconductor BD900 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD896 – BD898 – BD900 – BD902
25/09/2012
COMSET SEMICONDUCTORS
3 | 4
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Min
Typ
Max
Unit
VBE(on)
Base-Emitter Voltage
(*)
IC= -3 A, VCE= -3 V
BD896
-
-
-2.5
V
BD898
BD900
BD902
hFE
DC Current Gain (*)
VCE= -3.0 V
IC= -3 A
BD896
750
-
-
-
BD898
BD900
BD902
VECF
C-E Diode Forward
Voltage
IE= -8 A
BD896
-
-
-3.5
V
BD898
BD900
BD902
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ton
turn-on time
IC= -3 A, VBE(off) = 3.5 V
IBon = -IBoff = -12 mA, RL = 10 Ω
-
1
-
µs
toff
turn-off time
-
5
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance Junction To Case
1.79
°C/W
RthJ-A
Thermal Resistance Junction To Free Air
62.5
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com