Electronic Components Datasheet Search
  English  ▼

X  

DPKA-18PC-7 Datasheet(PDF) 101 Page - ITT Industries

Part # DPKA-18PC-7
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPKA-18PC-7 Datasheet(HTML) 101 Page - ITT Industries

Back Button DPKA-18PC-7 Datasheet HTML 97Page - ITT Industries DPKA-18PC-7 Datasheet HTML 98Page - ITT Industries DPKA-18PC-7 Datasheet HTML 99Page - ITT Industries DPKA-18PC-7 Datasheet HTML 100Page - ITT Industries DPKA-18PC-7 Datasheet HTML 101Page - ITT Industries DPKA-18PC-7 Datasheet HTML 102Page - ITT Industries DPKA-18PC-7 Datasheet HTML 103Page - ITT Industries DPKA-18PC-7 Datasheet HTML 104Page - ITT Industries DPKA-18PC-7 Datasheet HTML 105Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 120 page
background image
DPGM
DPJM/DPJMB
Part No. 248-1711-000
(038989-0000)
New Part
Number
012-0319-000
012-0435-000
225-0070-000
225-0071-000
225-0072-000
225-0085-000
20
12
20
16
12
20-18
COAX
COAX
COAX
COAX
20-24
12-14
20-24
16-20
12-14
18
50 ohm
(RG 196/U)
75 ohm
(RG 1871U)
95 ohm
(RG 195/U)
150 ohm
030-9081-001
030-9185-002
031-0905-000
(038820-0001)
031-0944-000
(040370-0000)
031-0909-000
(038825-0000)
031-0907-000
(038820-0000)
249-1178-001
(038834-0001)
249-1176-001
(038832-0001)
249-1174-001
(038830-0001)
249-1172-001
(038828-0001)
031-9082-001
031-9186-002
031-0900-001
(038819-0001)
031-0945-000
(040371-0000)
031-0908-000
(038826-0000)
031-0906-000
(038819-0002)
249-1177-001
(038833-0001)
249-1175-001
(038831-0001)
249-1173-001
(038829-0001)
249-1171-001
(038827-0001)
M22520/1-01
M22520/1-01
M22520/1-01
M22520/1-01
M22520/1-01
M22520/1-01
M22520/5-01
with Y-193 Die
WT400
995-001-071
WT402
HX3-138
WT408
M22520/1-02
M22520/1-02
M22520/1-02
M22520/1-02
M22520/1-02
M22520/1-02
red
yellow
CIT 20
CIT 16
CIT 12
CIT 18
CET 20-14
CET 12-4
CET 20A
CET 16
CET 12
CET 20A
CIT C2
CET C1
CET C1
CET C1
CET C1
CIT C2
CIT C2
CIT C2
20
16
12
Coaxial
021604-0002
021604-0004
.040-.083
.080-.096
.062
.080
Contact
Size
Contact
Size
Wire
Size
Accom.
Pin
Socket
Crimp Tool
Part No.
Locator
Color
Extraction
Tool No.
Locator
Contact Part Number
Contact
Size
Wire
Size
Accom.
Pin
Socket
Crimp Tool
Part No.
Locator
Color
Extraction
Tool No.
Locator
Contact Part Number
Contact
Size
Wire
Size
Accom.
Pin
Plug
Recept
Socket
Crimp Tool
Part No.
Insertion
Tool No.
Extraction
Tool No.
Contact Part Number
Part Number
Existing
Part Number
Wire Size
O.D.
I.D
A
Sealing Wires on #12 and Coaxial Contacts
Part No. 248-1711-000
(038989-0000)
.250 (6.35)
.901
(22.88)
MAX.
3/8 (9.52)
1/8 (3.18) DIA.
A
All holes in grommet require filling either by a wire
and contract, or by means of wire hole plugs.
Small wires should be provided with rubber bushings before crimpin. Approximately 1/16 (1.59) of an inch
of bushing is visible when installed into grommet. Grommets witll seal with out bushings or wire .096 (2.44)
to.185 (4.70) to diameter.
1.526
(38.76)
.248 (6.30)
1.001
(25.42)
.090 (2.28)
.125 (3.18) DIA., 4 HOLES
3.190 (81.03) TYP.
3.371 (85.62)
.813
(20.65)
TYP.
Part No. 248-1710-000
(038988-0000)
Part No. 248-1710-000
(038988-0000)
DPGM junction shells are essentail for proper in-
stallation of connector and are ordered separately.
DPJMB
DPGM/DPJM
Coaxials
DPGM/DPJM/DPJMB
Junction Shells
101
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Wire Bushings
Hole Fillers
Contact/Coaxial Data and Termination Tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com