Electronic Components Datasheet Search
  English  ▼

X  

DPKA-18PC-7 Datasheet(PDF) 102 Page - ITT Industries

Part # DPKA-18PC-7
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPKA-18PC-7 Datasheet(HTML) 102 Page - ITT Industries

Back Button DPKA-18PC-7 Datasheet HTML 98Page - ITT Industries DPKA-18PC-7 Datasheet HTML 99Page - ITT Industries DPKA-18PC-7 Datasheet HTML 100Page - ITT Industries DPKA-18PC-7 Datasheet HTML 101Page - ITT Industries DPKA-18PC-7 Datasheet HTML 102Page - ITT Industries DPKA-18PC-7 Datasheet HTML 103Page - ITT Industries DPKA-18PC-7 Datasheet HTML 104Page - ITT Industries DPKA-18PC-7 Datasheet HTML 105Page - ITT Industries DPKA-18PC-7 Datasheet HTML 106Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 120 page
background image
DPGM/DPJM/DPJMB
Assembly Procedures
102
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Wiring and Crimping Contacts
Wires should be stripped to the dimension
appropriate to the contact use
#20 Contact
#2018, #16 & #12 Contact
Contact Size
3/16 (4.76)
.089 DIA. MAX
(2.26)
1/4 (6.35)
SUPPORT OMITTED ON
DPJMB CONTACT
WIRE
Contact
Tool
Description
Assembly
Number
Contact
#20
#16
#12
CET - 20A
CET - 16
CET - 12
CET - C1
038889-0100
038888-0000
038890-0000
038869-0000
Coaxial
50-75,95 &
150 ohm
#20
#16
#12
After the contacts have been crimped, they should
be threaded through the junction shell and inserted
with the tools shown below. It is recommended that
the contacts be inserted in the center horizontal
row first, then work to the top and bottom horizon-
tal rows.
If it is necessary at any time to remove contacts,
this may be accomplished with an impact extraction
tool. Simply place the correct tool on the engaging
end of the contact and push. A reversible tip is
provided for pins and sockets.
1. CONTACT INTO CRIMP TOOL
Drop contact into crimp tool, it will locate on the contact shoulder.
2. WIRE INTO CONTACT
Take wire stripped to dimensions above, and push into the contact crimp pot until it is completely home.
Where outside diameter of wire in the #12 or COAXIAL contact is less than .096 (2.44), a rubber
bushing most be slipped over the wire before crimping (see page 103).
3. CRIMP
Squeeze the crimp tool to secure the wire into the contact. It is not possible to remove the contact from
the crimp tool until crimp is completed.
4. REMOVED WIRED CONTACT FROM TOOL
5. INSPECT
If wires are stripped and crimped correctly, the wire will be visible through the small inspection hole in
the contact.
CIT - 20
CIT - 16
CIT - 12
CIT - C2
038894-0000
038895-0000
038896-0000
038901-0000
Coaxial
50-75,95 &
150 ohm
Tool
Description
Assembly
Number
CONTACT
#20
#2018
#16
#12
Contact Insertion (DPGM/DPJM)
Inserting #20 & #16
Contacts
Inserting Coaxial & #12
Contacts
Extracting #20 & #16
Contacts
Extracting Coaxial & #12
Contacts
Contact Extraction (DPGM/DPJM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com