Electronic Components Datasheet Search
  English  ▼

X  

ACPL-024L Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-024L
Description  Low Power, 5 MBd Digital CMOS Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-024L Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-024L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Figure 7. Logic High Output Supply Current vs. Temperature
Figure 8. Propagation Delay, tPHL vs. Temperature
Figure 9. Propagation Delay, tPLH vs. Temperature
Figure 11. Output Voltage vs Input Current @ Vdd = 5 V
Figure 10. Output Voltage vs Input Current @ Vdd = 3.3 V
VDD = 3.3 V
VDD = 5.0 V
VDD = 2.7 V
IDDH_3.3 V
IDDH_5.0 V
VDD = 2.7 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
-20
0
20
40
60
80
100
TA - TEMPERATURE - °C
TA - TEMPERATURE - °C
TA - TEMPERATURE - °C
-40
-20
0
20
40
60
80
100
50
60
70
80
90
100
110
120
130
140
150
IF = 1.6, 2.2 and 6 mA
50
60
70
80
90
100
110
120
130
140
150
-40
-20
0
20
40
60
80
100
IF = 1.6 mA
IF = 2.2 mA
IF = 6.0 mA
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.0001 0.0002 0.0003 0.0004 0.0005 0.0006 0.0007 0.0008
IF - INPUT CURRENT - A
IF - INPUT CURRENT - A
0
1
2
3
4
5
6
0
0.0001 0.0002 0.0003 0.0004 0.0005 0.0006 0.0007 0.0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com