Electronic Components Datasheet Search
  English  ▼

X  

ACPL-024L Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-024L
Description  Low Power, 5 MBd Digital CMOS Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-024L Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-024L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-024L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved.
AV02-3462EN - July 24, 2012
Figure 13. Recommended printed circuit board layout and input current limiting resistor selection
ACPL-M21L, ACPL-021L, ACPL-024L:
VI = 3.3 V: R1 = 510
 ± 1%, R2 = 330  ± 1%
VI = 5.0 V: R1 = 1 k
 ± 1%, R2 = 600  ± 1%
RT = R1 + R2 R1/R2 ≈ 1.5
This preliminary data is provided to assist you in the evaluation of product(s) currently under development. Until
Avago Technologies releases this product for general sales, Avago Technologies reserves the right to alter prices,
specifications, features, capabilities, functions, release dates, and remove availability of the product(s) at anytime.
5
4
6
3
1
IF
GND1
Vo
VDD
C
GND2
VI
R1
R2
ACPL-M21L
ACPL-021L
5
3
4
2
7
6
8
1
IF
Vo1
VDD
C
GND2
VI
R1
GND2
R2
Vo2
ACPL-024L
5
3
4
2
7
6
8
1
IF
GND1
Vo1
VDD
C
GND2
VI
R1
R2
IF
GND2
VI
R1
R2
Vo2
C = 0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com