Electronic Components Datasheet Search
  English  ▼

X  

MAX11044 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX11044
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11044 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX11044 Datasheet HTML 10Page - Maxim Integrated Products MAX11044 Datasheet HTML 11Page - Maxim Integrated Products MAX11044 Datasheet HTML 12Page - Maxim Integrated Products MAX11044 Datasheet HTML 13Page - Maxim Integrated Products MAX11044 Datasheet HTML 14Page - Maxim Integrated Products MAX11044 Datasheet HTML 15Page - Maxim Integrated Products MAX11044 Datasheet HTML 16Page - Maxim Integrated Products MAX11044 Datasheet HTML 17Page - Maxim Integrated Products MAX11044 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
14
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
Pin Description (continued)
PIN
MAX11054
(TQFP-EP)
MAX11055
(TQFP-EP)
MAX11056
(TQFP-EP)
NAME
FUNCTION
1
1
1
DB12
14-Bit Parallel Data Bus Digital Output Bit 12
2
2
2
DB11
14-Bit Parallel Data Bus Digital Output Bit 11
3
3
3
DB10
14-Bit Parallel Data Bus Digital Output Bit 10
4
4
4
DB9
14-Bit Parallel Data Bus Digital Output Bit 9
5
5
5
DB8
14-Bit Parallel Data Bus Digital Output Bit 8
6
6
6
DB7
14-Bit Parallel Data Bus Digital Output Bit 7
7
7
7
DB6
14-Bit Parallel Data Bus Digital Output Bit 6
8, 22, 59
8, 22, 59
8, 22, 59
DGND
Digital Ground
9, 21, 60
9, 21, 60
9, 21, 60
DVDD
Digital Supply. Bypass to DGND with a 0.1µF capacitor
at each DVDD input.
10
10
10
DB5
14-Bit Parallel Data Bus Digital Output Bit 5
11
11
11
DB4
14-Bit Parallel Data Bus Digital Output Bit 4
12
12
12
DB3
14-Bit Parallel Data Bus Digital Output Bit 3
13
13
13
DB2
14-Bit Parallel Data Bus Digital Output Bit 2
14
14
14
DB1/CR3
14-Bit Parallel Data Bus Digital Output Bit 1/
Configuration Register Input Bit 3
15
15
15
DB0/CR2
14-Bit Parallel Data Bus Digital Output Bit 0/
Configuration Register Input Bit 2
16
16
16
CR1
Configuration Register Input Bit 1
17
17
17
CR0
Configuration Register Input Bit 0
18
18
18
EOC
Active-Low End-of-Conversion Output. EOC goes low
when conversion is completed. EOC goes high when a
conversion is initiated.
19
19
19
CONVST
Convert Start Input. Rising edge of CONVST ends
sample and starts a conversion on the captured sample.
The ADC is in acquisition mode when CONVST is low
and CONVST mode = 0.
20
20
20
SHDN
Shutdown Input. If SHDN is held high, the entire device
will enter and stay in a low-current state. Contents of
the configuration register are not lost when in the
shutdown mode.
23, 28, 32, 38,
43, 49, 53, 58
23, 28, 32, 38,
43, 49, 53, 58
23, 28, 32, 38,
43, 49, 53, 58
AGNDS
Signal Ground. Connect all AGND and AGNDS inputs
together on PCB.
24, 29, 35, 46,
52, 57
24, 29, 35, 46,
52, 57
24, 29, 35, 46,
52, 57
AVDD
Analog Supply Input. Bypass AVDD to AGND with a
0.1µF capacitor at each AVDD input.
25, 30, 36, 45,
51, 56
25, 30, 36, 45,
51, 56
25, 30, 36, 45,
51, 56
AGND
Analog Ground. Connect all AGND inputs together.
26, 55
26, 55
26, 55
RDC_SENSE
Reference Buffer Sense Feedback. Connect to RDC plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com