Electronic Components Datasheet Search
  English  ▼

X  

MAX11044 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX11044
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11044 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX11044 Datasheet HTML 19Page - Maxim Integrated Products MAX11044 Datasheet HTML 20Page - Maxim Integrated Products MAX11044 Datasheet HTML 21Page - Maxim Integrated Products MAX11044 Datasheet HTML 22Page - Maxim Integrated Products MAX11044 Datasheet HTML 23Page - Maxim Integrated Products MAX11044 Datasheet HTML 24Page - Maxim Integrated Products MAX11044 Datasheet HTML 25Page - Maxim Integrated Products MAX11044 Datasheet HTML 26Page - Maxim Integrated Products MAX11044 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
25
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
TOP VIEW
MAX11044
MAX11045
MAX11046
TQFN
8mm x 8mm
+
15
17
16
18
19
20
21
22
23
24
25
26
27
28
DB1/CR1
*EP
DB0/CR0
EOC
CONVST
SHDN
DVDD
DGND
RDC
AGNDS
AVDD
AGND
CH0*/I.C.†‡
AGNDS
RDC
DB14
DB15
RD
CS
WR
DVDD
DGND
RDC
AGNDS
AVDD
AGND
I.C.†‡/CH7*
‡MAX11044
†MAX11045
*MAX11046
AGNDS
RDC
48
47
46
45
44
43
54
53
56
55
52
51
50
49
1
2
3
4
5
6
7
8
9
10
11 121314
42 41 40 39 38 37 36 35 34 33 32 31 30 29
MAX11044
MAX11045
MAX11046
TQFP
10mm x 10mm
+
19
21
20
22
23
24
25
26
27
28
29
30
31
32
*EP
EOC
CONVST
SHDN
DVDD
DGND
AGNDS
AVDD
AGND
RDC_SENSE
RDC
AGNDS
AVDD
AGND
CH0*/I.C.†‡
AGNDS
DGND
AGNDS
RD
CS
WR
AVDD
AGND
RDC_SENSE
RDC
AGNDS
AVDD
AGND
I.C.†‡/CH7*
AGNDS
54
53
52
51
50
49
60
59
62
61
58
57
56
55
1
2
3
4
5
6
7
8
9
10
11 121314
48 47 46 45 44 43 42 41 40 39 38 37 36 35
15 16
34 33
17
18
DB0/CR0
DB15
DVDD
64
63
Pin Configurations
Positive Full-Scale Error
The error in the input voltage that causes the last code
transition of FFFE to FFFF (hex) for 16-bit or 3FFE to 3FFF
(hex) for 14-bit devices (in default offset binary mode) or
7FFE to 7FFF (hex) for 16-bit or 1FFE to 1FFF (hex) for 14-
bit devices (in two’s complement mode) from the ideal
input voltage of 32,766.5 x (10/4.096) x (VREF/65,536) for
16-bit or 8190.5 x (10/4.096) x (VREF/16,384) for 14-bit
devices after correction for offset error.
Negative Full-Scale Error
The error in the input voltage that causes the first code
transition of 0000 to 0001 (hex) (in default offset binary
mode) or 8000 to 8001 (hex) for 16-bit or 2000 to 2001
(hex) for 14-bit devices (in two’s complement mode) from
the ideal input voltage of -32,767.5 x (10/4.096) x
(VREF/65,536) for 16-bit or -8191.5 x (10/4.096) x
(VREF/16,384) for 14-bit devices after correction for offset
error.
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com