Electronic Components Datasheet Search
  English  ▼

X  

MAX11044 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11044
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11044 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11044 Datasheet HTML 1Page - Maxim Integrated Products MAX11044 Datasheet HTML 2Page - Maxim Integrated Products MAX11044 Datasheet HTML 3Page - Maxim Integrated Products MAX11044 Datasheet HTML 4Page - Maxim Integrated Products MAX11044 Datasheet HTML 5Page - Maxim Integrated Products MAX11044 Datasheet HTML 6Page - Maxim Integrated Products MAX11044 Datasheet HTML 7Page - Maxim Integrated Products MAX11044 Datasheet HTML 8Page - Maxim Integrated Products MAX11044 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
5
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +4.75V to +5.25V, VDVDD = +2.70V to +5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x
33µF, CREFIO = 0.1µF, CAVDD = 4 x 0.1µF || 10µF, CDVDD = 3 x 0.1µF || 10µF; all digital inputs at DVDD or DGND, unless otherwise
noted, fSAMPLE = 250ksps. TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RD Rise to CS Rise
t10
0ns
RD High Time
t11
10
ns
RD Fall to Data Valid
t12
35
ns
RD Rise to Data Hold Time
t13
(Note 7)
5
ns
Note 1:
See the
Definitions section at the end of the data sheet.
Note 2:
Tested with alternating channels modulated at full scale and ground.
Note 3:
See the
Input Range and Protection section for more details.
Note 4:
CLOAD = 30pF on DB0–DB15 and EOC. Inputs (CH0–CH7) alternate between full scale and zero scale. fCONV = 250ksps.
All data is read out.
Note 5:
Defined as the change in positive full scale caused by a ±2% variation in the nominal supply voltage.
Note 6:
It is recommended that RD, WR, and CS are kept high for the quiet time (tQ) and conversion time (tCON).
Note 7:
Guaranteed by design.
INTEGRAL NONLINEARITY vs. CODE
(MAX1104_)
OUTPUT CODE (DECIMAL)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
VAVDD = 5.0V
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
DIFFERENTIAL NONLINEARITY vs. CODE
(MAX1104_)
OUTPUT CODE (DECIMAL)
-0.800
-0.600
-0.400
-0.200
0
0.200
0.400
0.600
0.800
1.000
-1.000
VAVDD = 5.0V
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
INL AND DNL vs. ANALOG SUPPLY VOLTAGE
(MAX1104_)
VAVDD (V)
5.15
5.05
4.95
4.85
-0.6
-0.2
0.2
0.6
1.0
-1.0
4.75
5.25
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
MAX INL
MAX DNL
MIN DNL
MIN INL
Typical Operating Characteristics
(VAVDD = 5V, VDVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com