Electronic Components Datasheet Search
  English  ▼

X  

W78LE812 Datasheet(PDF) 15 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 15 Page - Winbond

Back Button W78LE812 Datasheet HTML 11Page - Winbond W78LE812 Datasheet HTML 12Page - Winbond W78LE812 Datasheet HTML 13Page - Winbond W78LE812 Datasheet HTML 14Page - Winbond W78LE812 Datasheet HTML 15Page - Winbond W78LE812 Datasheet HTML 16Page - Winbond W78LE812 Datasheet HTML 17Page - Winbond W78LE812 Datasheet HTML 18Page - Winbond W78LE812 Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
W78LE812
Publication Release Date: February 1999
- 15 -
Revision A2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
DC Power Supply
VDD
−VSS
-0.3
+7.0
V
Input Voltage
VIN
VSS -0.3
VDD +0.3
V
Operating Temperature
TA
0
70
°C
Storage Temperature
TST
-55
+150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
DC CHARACTERISTICS
VSS = 0V, TA = 25
° C, unless otherwise specified.
SYMBOL
PARAMETER
SPECIFICATION
TEST CONDITIONS
MIN.
MAX.
UNIT
VDD
Operating Voltage
2.4
5.5
V
IDD
Operating Current
-
20
mA
VDD = 5.5V, 20 Mhz, no load,
RST = 1
-
3
mA
VDD = 2.4V, 12 Mhz, no load,
RST = 1
IIDLE
Idle Current
-
7
mA
VDD = 5.5V, 20 Mhz, no load
-
1.5
mA
VDD = 2.4V, 12 Mhz, no load
IPWDN
Power Down Current
-
50
µA
VDD = 5.5V, no load
-
30
µA
VDD = 2.4V, no load
Input
IIN
Input Current
P1, P2, P3, P4
-50
+10
µA
VDD = 5.5V
VIN = 0V or VDD
ILK
Input Leakage Current
P0, EA
-10
+10
µA
VDD = 5.5V
VSS
< VIN < VDD
IIN2
Input Current RST
-10
+0
µA
VDD = 5.5V
0
< VIN < VDD
ILK1
Input Leakage Current
P0, EA
-60
+300
µA
VDD = 5.5V
0V
< VIN < VDD
ITL
Logic 1-to-0 Transition
Current P1, P2, P3, P4
-500
-
µA
VDD = 5.5V
VIN = 2V
VIL1
Input Low Voltage
0
0.8
V
VDD = 5.5V
P1, P2, P3, P4
0
0.5
V
VDD = 2.4V
VIL2
Input Low Voltage
0
0.8
V
VDD = 5.5V
RST
[*3]
0
0.3
V
VDD = 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com